Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMTC-15D Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMTC-15D
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMTC-15D Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMTC-15D Datasheet HTML 1Page - Wall Industries,Inc. PSMTC-15D Datasheet HTML 2Page - Wall Industries,Inc. PSMTC-15D Datasheet HTML 3Page - Wall Industries,Inc. PSMTC-15D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc.
Rev E
PSMTC SERIES
15 Watt Medical AC/DC Switching Power Supplies
10/24/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
RoHS Compliant
Isolation Class II
15 Watts Output Power
Low Ripple and Noise
Single, Dual, and Triple Outputs
Fully Encapsulated Plastic Case
4000VAC I/O Isolation
PCB Mountable Switching Power Supply
-25°C to +70°C Operating Temperature Range
Optional -40°C to +70°C Operating Temperature Range
Free Air Convection Cooling
Protection: SCP / OCP / OVP / OTP
Universal Input Voltage Range: 90~264VAC (120~375VDC)
UL/cUL60601-1, IEC60601-1, EC60601-1 Medical Approvals
DESCRIPTION
E308218
Size:
Weight:
2.52 x 1.79 x 0.92 inches
4.23oz (120g)
64.0 x 45.6 x 23.5 mm
The PSMTC series of medical AC/DC switching power supplies provides 15 watts of output power in
a 2.52” x 1.79” x 0.92” encapsulated PCB mountable package. This series consists of single, dual, and
triple output models with a universal input range of 90~264VAC (120~375VDC). Some features
include low ripple and noise, -25°C to +70°C operating temperature range, and short circuit, over
current, over voltage, and over temperature protection. The PSMTC series also offers an extended
operating temperature range of -40°C to +70°C (“-E1” suffix). All models are RoHS compliant and
have UL/cUL60601-1, IEC60601-1, and EC60601-1 medical approvals.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load
Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(0% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
PSMTC-3.3S
3.3 VDC
0%
3000mA
±2%
0.5%
1%
9.9W
75%
40,000μF
PSMTC-5S
5 VDC
0%
3000mA
±2%
0.5%
1%
15W
79%
10,000μF
PSMTC-7.35S
7.35 VDC
0%
2040mA
±2%
0.5%
1%
15W
79%
4700µF
PSMTC-9S
9 VDC
0%
1666mA
±2%
0.5%
1%
15W
80%
3000µF
PSMTC-12S
12 VDC
0%
1250mA
±2%
0.5%
1%
15W
81%
1100μF
PSMTC-15S
15 VDC
0%
1000mA
±2%
0.5%
1%
15W
82%
1000μF
PSMTC-24S
90~264 VAC
(120~375 VDC)
24 VDC
0%
625mA
±2%
0.5%
1%
15W
83%
820μF
DUAL OUTPUT MODELS
Output Current
Model Number
Output
Voltage
Min Load(1)
Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(10% - 100%)
Cross
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
Vo1
+5 VDC
1500mA
±2%
0.5%
1% (sym. load)
5%
4700µF
PSMTC-5D
Vo2
-5 VDC
10%
1500mA
±2%
0.5%
1% (sym. load)
5%
15W
79%
4700µF
Vo1
+12 VDC
625mA
±2%
0.5%
1% (sym. load)
3%
560µF
PSMTC-12D
Vo2
-12 VDC
10%
625mA
±2%
0.5%
1% (sym. load)
3%
15W
82%
560µF
Vo1
+15 VDC
500mA
±2%
0.5%
1% (sym. load)
3%
500µF
PSMTC-15D
Vo2
-15 VDC
10%
500mA
±2%
0.5%
1% (sym. load)
3%
15W
82%
500µF
TRIPLE OUTPUT MODELS
Output Current
Model Number
Output
Voltage
Min Load(1)
Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(10% - 100%)
Cross
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
Vo1
5 VDC
2000mA
±2%
0.5%
1%
1%
1000μF
Vo2
+12 VDC
200mA
±3%
2%
5% (sym. load)
5%
470μF
PSMTC-5S12D
Vo3
-12 VDC
25%
200mA
±3%
2%
5% (sym. load)
5%
15W
78%
470μF
Vo1
5 VDC
2000mA
±2%
0.5%
1%
1%
1000μF
Vo2
+15 VDC
150mA
±3%
2%
5% (sym. load)
5%
600μF
PSMTC-5S15D
Vo3
-15 VDC
25%
150mA
±3%
2%
5% (sym. load)
5%
15W
78%
600μF
NOTES
1. Some models require a minimum loading on the output to maintain specified regulations. Operation under no-load conditions will not damage these
devices; however, they may not meet all listed specifications.
2. For -40°C to +71°C extended operating temperature range please add the suffix –E1 to the model number (Ex: PSMTC-12S-E1).


Similar Part No. - PSMTC-15D

ManufacturerPart #DatasheetDescription
logo
Entegris, Inc
PSMT-12-3X ENTEGRIS-PSMT-12-3X Datasheet
308Kb / 4P
   PrimeLock® Straight Union, Tube, Minimum Length
PSMT-16-3X ENTEGRIS-PSMT-16-3X Datasheet
308Kb / 4P
   PrimeLock® Straight Union, Tube, Minimum Length
PSMT-20-3X ENTEGRIS-PSMT-20-3X Datasheet
308Kb / 4P
   PrimeLock® Straight Union, Tube, Minimum Length
PSMT-24-3X ENTEGRIS-PSMT-24-3X Datasheet
308Kb / 4P
   PrimeLock® Straight Union, Tube, Minimum Length
PSMT-4-3X ENTEGRIS-PSMT-4-3X Datasheet
308Kb / 4P
   PrimeLock® Straight Union, Tube, Minimum Length
More results

Similar Description - PSMTC-15D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com