Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7563P Datasheet(PDF) 2 Page - NEC

Part # NDL7563P
Description  InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7563P Datasheet(HTML) 2 Page - NEC

  NDL7563P Datasheet HTML 1Page - NEC NDL7563P Datasheet HTML 2Page - NEC NDL7563P Datasheet HTML 3Page - NEC NDL7563P Datasheet HTML 4Page - NEC NDL7563P Datasheet HTML 5Page - NEC NDL7563P Datasheet HTML 6Page - NEC NDL7563P Datasheet HTML 7Page - NEC NDL7563P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NDL7563P Series
ORDERING INFORMATION
Part Number
Available Connector
Flange Type
NDL7563P
Without Connector
no flange
NDL7563PC
With FC-PC Connector
NDL7563PD
With SC-PC Connector
NDL7563P1
Without Connector
flat mount flange
NDL7563P1C
With FC-PC Connector
NDL7563P1D
With SC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25
qqqqC)
Parameter
Symbol
Ratings
Unit
Pulsed Forward Current
*1
IFP
600
mA
Reverse Voltage
VR
2.0
V
Operating Case Temperature
TC
ð20 to +60
qC
Storage Temperature
Tstg
ð40 to +85
qC
Lead Soldering Temperature (10 sec)
Tsld
260
qC
*1 Pulse Condition: Pulse Width (PW) = 10
Ps, Duty = 1 %
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
qqqqC)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VFP
IFP = 400 mA,
PW = 10
Ps, Duty = 1 %
2.5
4.0
V
Threshold Current
Ith
45
50
mA
Optical Output Power from Fiber
Pf
IFP = 400 mA,
PW = 10
Ps, Duty = 1 %
60
80
mW
RMS Center Wavelength
OC
IFP = 400 mA,
PW = 10
Ps, Duty = 1 %
1530
1550
1570
nm
RMS Spectral Width
V
IFP = 400 mA,
PW = 10
Ps, Duty = 1 %
6.0
10.0
nm
Rise Time
tr
10 - 90 %
1.0
ns
Fall Time
tf
90 - 10 %
1.0
ns
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +60
qqqqC)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Threshold Current
Ith
75
mA
Optical Output Power from Fiber
Pf
IFP = 400 mA,
PW = 10
Ps, Duty = 1 %
40
mW
RMS Center Wavelength
OC
IFP = 400 mA,
PW = 10
Ps, Duty = 1 %
1520
1585
nm
Temperature Dependency of
Center Wavelength
'O/'T0.35
nm/
qC
RMS Spectral Width
V
IFP = 400 mA,
PW = 10
Ps, Duty = 1 %
10
nm


Similar Part No. - NDL7563P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7563P NEC-NDL7563P Datasheet
60Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7563P NEC-NDL7563P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7563P NEC-NDL7563P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7563P NEC-NDL7563P Datasheet
61Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NDL7563P NEC-NDL7563P Datasheet
66Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
More results

Similar Description - NDL7563P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7553P NEC-NDL7553P Datasheet
66Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7564P NEC-NDL7564P Datasheet
60Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7514P NEC-NDL7514P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7503P NEC-NDL7503P Datasheet
60Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7553P NEC-NDL7553P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1550 nm OTDR APPLICATION
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
NEC
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NDL7565P NEC-NDL7565P Datasheet
59Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com