Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34-WB2S00226 Datasheet(PDF) 1 Page - E-SWITCH

Part # 34-WB2S00226
Description  Silver Plated Brass
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

34-WB2S00226 Datasheet(HTML) 1 Page - E-SWITCH

  34-WB2S00226 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
WB24ED1121-ACC-KF05
NONE 6/28/2012
34-WB2S00226
A
rc
1
1
4
5
2
5
POS. 2
POS. 1
A
20662
New Release
6/28/12
rc
9.00
[.354 in]
.80
[.031 in]
11.90
[.469 in]
34.00
[1.339 in]
6.30
[.248 in]
10.80
[.425 in]
21.60
[.850 in]
POS. 1
POS. 2
SWITCH FUNCTION
OFF
(ON)
OPEN
2-1, 5-4
(ON)=MOMENTARY
NOTE:
1. DIMENSIONS IN mm [INCH]
2. GENERAL TOLERANCE: X.X = ± 0.4
X.XX = ± 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER PLATED COPPER
5. CONTACT RATINGS: 20A @ 125VAC [cURUS]
20A @ 250VAC [cURUS]
1.5HP 125/250VAC
6. CONTACT RESISTANCE: 50mΩ MAX. INITIAL
7. INSULATION RESISTANCE: 500MΩ MIN. @ 500VDC
8. DIELECTRIC STRENGTH: 1,500VAC FOR 1 MINUTE
9. IP RATING: IP55
10. OPERATING TEMPERATURE: -20°C TO 65°C [cURUS]
-20°C TO 65°C [TUV]
11. RUBBER SEAL: MVQ
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
2
5
14
CIRCUIT: DPST
ACTUATOR:
BLACK
BODY:
BLACK
29.40
[1.157 in]
31.20
[1.228 in]
36.60
[1.441 in]
34.60
[1.362 in]
31.20
[1.228 in]
PANEL THICKNESS
X
1-2
2-2.5
31 +.1/-0
31.6 +.1/-0
RECOMMENDED PANEL MOUNTING
X
22 +.1/-0


Similar Part No. - 34-WB2S00226

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-WB2S00223 E-SWITCH-34-WB2S00223 Datasheet
164Kb / 1P
   Silver Plated Brass
34-WB2S00227 E-SWITCH-34-WB2S00227 Datasheet
231Kb / 1P
   Silver Plated Brass
34-WB2S00228 E-SWITCH-34-WB2S00228 Datasheet
193Kb / 1P
   Silver Plated Brass
More results

Similar Description - 34-WB2S00226

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-RA1H3C1123 E-SWITCH-38-RA1H3C1123 Datasheet
84Kb / 1P
   Silver Plated Brass
38-RA2S00128 E-SWITCH-38-RA2S00128 Datasheet
77Kb / 1P
   Silver Plated Brass
38-RA45A31100 E-SWITCH-38-RA45A31100 Datasheet
68Kb / 1P
   Silver Plated Brass
38-RA111C1100 E-SWITCH-38-RA111C1100 Datasheet
90Kb / 1P
   Silver Plated Brass
38-RA111C1900 E-SWITCH-38-RA111C1900 Datasheet
180Kb / 1P
   Silver Plated Brass
34-RVW56D1200 E-SWITCH-34-RVW56D1200 Datasheet
66Kb / 1P
   Silver Plated Brass
34-WB2S00228 E-SWITCH-34-WB2S00228 Datasheet
193Kb / 1P
   Silver Plated Brass
34-WB24GD1121 E-SWITCH-34-WB24GD1121 Datasheet
68Kb / 1P
   Silver Plated Brass
34-WB242D112R E-SWITCH-34-WB242D112R Datasheet
69Kb / 1P
   Silver Plated Brass
34-WB242D1100 E-SWITCH-34-WB242D1100 Datasheet
67Kb / 1P
   Silver Plated Brass
34-WB242D1121 E-SWITCH-34-WB242D1121 Datasheet
70Kb / 1P
   Silver Plated Brass
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com