Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2052T Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HAT2052T
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT2052T Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HAT2052T Datasheet HTML 1Page - Hitachi Semiconductor HAT2052T Datasheet HTML 2Page - Hitachi Semiconductor HAT2052T Datasheet HTML 3Page - Hitachi Semiconductor HAT2052T Datasheet HTML 4Page - Hitachi Semiconductor HAT2052T Datasheet HTML 5Page - Hitachi Semiconductor HAT2052T Datasheet HTML 6Page - Hitachi Semiconductor HAT2052T Datasheet HTML 7Page - Hitachi Semiconductor HAT2052T Datasheet HTML 8Page - Hitachi Semiconductor HAT2052T Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HAT2052T
5
0.2
0.5
1
2
5
10
0.1
500
200
100
20
50
10
5
50
40
30
20
10
0
4
8
12
16
20
0
50
200
500
100
0.2
0.5
1
2
5
10
0.1
di/dt = 20 A/µs
V
= 0, Ta = 25°C
GS
10
8
6
4
2
20
10
1000
0
102030
4050
10000
3000
1000
300
100
30
10
V
= 0
f = 1 MHz
GS
Ciss
Coss
Crss
VGS
VDS
I
= 5.0 A
D
V
= 5 V
10 V
25 V
DD
V
= 25 V
10 V
5 V
DD
t f
r
t
d(off)
t
d(on)
t
V
= 4 V, V
= 10 V
PW = 3 µs, duty < 1 %
GS
DD
Reverse Drain Current
I
(A)
DR
Body–Drain Diode Reverse
Recovery Time
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
Drain Current
I
(A)
D
Switching Characteristics


Similar Part No. - HAT2052T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT2050T RENESAS-HAT2050T Datasheet
98Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T-EL-E RENESAS-HAT2050T-EL-E Datasheet
98Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2051T HITACHI-HAT2051T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT2051T RENESAS-HAT2051T Datasheet
72Kb / 11P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2052T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com