Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1K0610M7 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LC1K0610M7
Description  TeSys K contactor - 3P(3 NO) - AC-3 - 440 V 6 A - 220...230 V AC coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LC1K0610M7 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LC1K0610M7 Datasheet HTML 1Page - National Semiconductor (TI) LC1K0610M7 Datasheet HTML 2Page - National Semiconductor (TI) LC1K0610M7 Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
690 V for signalling circuit conforming to IEC
60947-5-1
600 V for signalling circuit conforming to UL 508
600 V for power circuit conforming to CSA C22.2
No 14
600 V for signalling circuit conforming to CSA
C22.2 No 14
Electrical durability
1.3 Mcycles 6 A AC-3 at Ue <= 440 V
Mounting support
Plate
Rail
Standards
BS 5424
IEC 60947
NF C 63-110
VDE 0660
Product certifications
CSA
UL
Connections - terminals
Screw clamp terminals 1 cable(s) 1.5...4 mm² -
cable stiffness: solid
Screw clamp terminals 1 cable(s) 0.75...4 mm² -
cable stiffness: flexible - without cable end
Screw clamp terminals 1 cable(s) 0.34...2.5 mm² -
cable stiffness: flexible - with cable end
Screw clamp terminals 2 cable(s) 1.5...4 mm² -
cable stiffness: solid
Screw clamp terminals 2 cable(s) 0.75...4 mm² -
cable stiffness: flexible - without cable end
Screw clamp terminals 2 cable(s) 0.34...1.5 mm² -
cable stiffness: flexible - with cable end
Tightening torque
1.3 N.m - on screw clamp terminals - with
screwdriver Philips No 2
1.3 N.m - on screw clamp terminals - with
screwdriver flat Ø 6 mm
Operating time
10...20 ms coil de-energisation and NO opening
10...20 ms coil energisation and NO closing
Safety reliability level
B10d = 1369863 cycles contactor with nominal
load conforming to EN/ISO 13849-1
B10d = 20000000 cycles contactor with
mechanical load conforming to EN/ISO 13849-1
Mechanical durability
10 Mcycles
Operating rate
3600 cyc/h
Complementary
Control circuit voltage limits
0.2...0.75 Uc at <= 50 °C drop-out
0.8...1.15 Uc at <= 50 °C operational
Inrush power in VA
30 VA at 20 °C
Hold-in power consumption in VA
4.5 VA at 20 °C
Heat dissipation
1.3 W
Auxiliary contacts type
Type instantaneous (1 NO)
Signalling circuit frequency
<= 400 Hz
Minimum switching current
5 mA for signalling circuit
Minimum switching voltage
17 V for signalling circuit
Non overlap distance
0.5 mm
Insulation resistance
> 10 MOhm for signalling circuit
Environment
IP degree of protection
IP2x conforming to VDE 0106
Protective treatment
TC conforming to IEC 60068
TC conforming to DIN 50016
Ambient air temperature for operation
-25...50 °C
Ambient air temperature for storage
-50...80 °C
Operating altitude
2000 m without derating in temperature
Flame retardance
V1 conforming to UL 94
Requirement 2 conforming to NF F 16-101
Requirement 2 conforming to NF F 16-102
Mechanical robustness
Shocks contactor closed, on X axis 10 Gn for 11 ms IEC 60068-2-27
2 / 3


Similar Part No. - LC1K0610M7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K0610M7 SCHNEIDER-LC1K0610M7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 220...230 V AC coil
LC1K0610M72 SCHNEIDER-LC1K0610M72 Datasheet
171Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 220...230 V AC coil
More results

Similar Description - LC1K0610M7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K0610M72 SCHNEIDER-LC1K0610M72 Datasheet
171Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 220...230 V AC coil
LC1K0610M7 SCHNEIDER-LC1K0610M7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 220...230 V AC coil
LC1K0610P7 SCHNEIDER-LC1K0610P7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 230 V AC coil
LC1K0910M7 SCHNEIDER-LC1K0910M7 Datasheet
148Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 220...230 V AC coil
LC1K16106M7 SCHNEIDER-LC1K16106M7 Datasheet
165Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 16 A - 1 NO aux. - 220...230 V AC coil
LC7K0910M7 SCHNEIDER-LC7K0910M7 Datasheet
160Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 220...230 V AC coil
LC1K1210M7 SCHNEIDER-LC1K1210M7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 220...230 V AC coil
LC7K0601M7 SCHNEIDER-LC7K0601M7 Datasheet
159Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 220...230 V AC coil
LC1K0601M7 SCHNEIDER-LC1K0601M7 Datasheet
187Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 220...230 V AC coil
LC1K0910M72 SCHNEIDER-LC1K0910M72 Datasheet
168Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 220...230 V AC coil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com