Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1K0610M7 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LC1K0610M7
Description  TeSys K contactor - 3P(3 NO) - AC-3 - 440 V 6 A - 220...230 V AC coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LC1K0610M7 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LC1K0610M7 Datasheet HTML 1Page - National Semiconductor (TI) LC1K0610M7 Datasheet HTML 2Page - National Semiconductor (TI) LC1K0610M7 Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product datasheet
Characteristics
LC1K0610M7
TeSys K contactor - 3P(3 NO) - AC-3 - <= 440 V 6 A
- 220...230 V AC coil
Main
Range of product
TeSys K
Product or component type
Contactor
Device short name
LC1K
Contactor application
Motor control
Utilisation category
AC-3
AC-4
Poles description
3P
Pole contact composition
3 NO
[Ue] rated operational voltage
690 V AC 50/60 Hz for power circuit
<= 690 V AC 50/60 Hz for signalling circuit
[Ie] rated operational current
6 A at <= 440 V AC AC-3 for power circuit
Motor power kW
3 kW at 440 V AC 50/60 Hz
3 kW at 500...600 V AC 50/60 Hz
3 kW at 660...690 V AC 50/60 Hz
1.5 kW at 220...230 V AC 50/60 Hz
2.2 kW at 380...415 V AC 50/60 Hz
3 kW at 480 V AC 50/60 Hz
Control circuit type
AC 50/60 Hz
Control circuit voltage
220...230 V AC 50/60 Hz
Auxiliary contact composition
1 NO
[Uimp] rated impulse withstand
voltage
8 kV
Overvoltage category
III
[Ith] conventional free air thermal
current
20 A at <= 50 °C for power circuit
10 A at <= 50 °C for signalling circuit
Irms rated making capacity
110 A AC for power circuit conforming to NF C 63-
110
110 A AC for power circuit conforming to IEC
60947
110 A AC for signalling circuit conforming to IEC
60947
Rated breaking capacity
110 A at 415 V conforming to IEC 60947
110 A at 440 V conforming to IEC 60947
80 A at 500 V conforming to IEC 60947
110 A at 220...230 V conforming to IEC 60947
110 A at 380...400 V conforming to IEC 60947
70 A at 660...690 V conforming to IEC 60947
[Icw] rated short-time withstand
current
90 A <= 50 °C 1 s power circuit
85 A <= 50 °C 5 s power circuit
80 A <= 50 °C 10 s power circuit
60 A <= 50 °C 30 s power circuit
45 A <= 50 °C 1 min power circuit
40 A <= 50 °C 3 min power circuit
80 A 1 s signalling circuit
90 A 500 ms signalling circuit
110 A 100 ms signalling circuit
20 A <= 50 °C >= 15 s power circuit
Associated fuse rating
25 A gG at <= 440 V for power circuit
25 A aM for power circuit
10 A gG for signalling circuit conforming to IEC
60947
10 A gG for signalling circuit conforming to VDE
0660
Average impedance
3 mOhm at 50 Hz - Ith 20 A for power circuit
[Ui] rated insulation voltage
690 V for power circuit conforming to IEC 60947-4-
1
600 V for power circuit conforming to UL 508
690 V for signalling circuit conforming to IEC
60947-4-1
1 / 3


Similar Part No. - LC1K0610M7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K0610M7 SCHNEIDER-LC1K0610M7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 220...230 V AC coil
LC1K0610M72 SCHNEIDER-LC1K0610M72 Datasheet
171Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 220...230 V AC coil
More results

Similar Description - LC1K0610M7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K0610M72 SCHNEIDER-LC1K0610M72 Datasheet
171Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 220...230 V AC coil
LC1K0610M7 SCHNEIDER-LC1K0610M7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 220...230 V AC coil
LC1K0610P7 SCHNEIDER-LC1K0610P7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 230 V AC coil
LC1K0910M7 SCHNEIDER-LC1K0910M7 Datasheet
148Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 220...230 V AC coil
LC1K16106M7 SCHNEIDER-LC1K16106M7 Datasheet
165Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 16 A - 1 NO aux. - 220...230 V AC coil
LC7K0910M7 SCHNEIDER-LC7K0910M7 Datasheet
160Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 220...230 V AC coil
LC1K1210M7 SCHNEIDER-LC1K1210M7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 220...230 V AC coil
LC7K0601M7 SCHNEIDER-LC7K0601M7 Datasheet
159Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 220...230 V AC coil
LC1K0601M7 SCHNEIDER-LC1K0601M7 Datasheet
187Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 220...230 V AC coil
LC1K0910M72 SCHNEIDER-LC1K0910M72 Datasheet
168Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 220...230 V AC coil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com