Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB288032MM1 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HB288032MM1
Description  MultiMediaCard 32 MByte
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288032MM1 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HB288032MM1 Datasheet HTML 1Page - Hitachi Semiconductor HB288032MM1 Datasheet HTML 2Page - Hitachi Semiconductor HB288032MM1 Datasheet HTML 3Page - Hitachi Semiconductor HB288032MM1 Datasheet HTML 4Page - Hitachi Semiconductor HB288032MM1 Datasheet HTML 5Page - Hitachi Semiconductor HB288032MM1 Datasheet HTML 6Page - Hitachi Semiconductor HB288032MM1 Datasheet HTML 7Page - Hitachi Semiconductor HB288032MM1 Datasheet HTML 8Page - Hitachi Semiconductor HB288032MM1 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
HB288032MM1
5
MultiMediaCard Mode Pad Definition
Pin No.
Name
Type*
1
Description
1
RSV
NC
No connection
2
CMD
I/O/PP/OD
Command/Response
3V
SS1
S
Ground
4V
CC
S
Power supply
5
CLK
I
Clock
6V
SS2
S
Ground
7
DAT
I/O/PP
Data
Note:
1. S: power supply; I: input; O: output; PP: push-pull; OD: open-drain; NC: No connection or V
IH
enable
enable
Interface driver
DAT
CMD
V
SS1
V
CC
CLK
V
SS2
MultiMediaCard Mode I/O-drivers


Similar Part No. - HB288032MM1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288032A5 HITACHI-HB288032A5 Datasheet
170Kb / 66P
   FLASH ATA Card
HB288032A6 HITACHI-HB288032A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB288032C5 HITACHI-HB288032C5 Datasheet
171Kb / 67P
   CompactFlash?
HB288032C6 HITACHI-HB288032C6 Datasheet
170Kb / 67P
   CompactFlash?
More results

Similar Description - HB288032MM1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Hitachi Semiconductor
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28E016BP2 HITACHI-HB28E016BP2 Datasheet
328Kb / 90P
   Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com