Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R18-8 Datasheet(PDF) 2 Page - 3M Electronics

Part # R18-8
Description  R10-6 thru R18-10 Ring Tongue, Non-Insulated, Butted Seam
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

R18-8 Datasheet(HTML) 2 Page - 3M Electronics

  R18-8 Datasheet HTML 1Page - 3M Electronics R18-8 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Products Division
6801 River Place Blvd.
Austin, TX 78726-9000
http://www.3M.com/elpd
Litho in USA.
© 3M 2002 78-8126-0625-5-A
IMPORTANT NOTICE
Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability
associated with such use.
Warranty; Limited Remedy; Limited Liability. This product will be free from defects in material and manufacture as of the date of purchase.
3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be,
at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will
not be liable for any loss or damage arising from this 3M product, whether direct, indirect, special, incidental or consequential
regardless of the legal theory asserted.
3M and Highland are trademarks of 3M
Engineering Specification
Crimp-type terminals shall, electrically and mechnical-
ly, connect to a pre-stripped end of a stranded copper
wire: and have a flat tongue portion with a central
opening for mounting around a screw or stud.
The terminal line shall offer tongue variations in hole
(stud) size (6, 8 10, etc.) and configuration (ring, fork,
block fork, flanged block fork, locking fork, etc.): and
barrel variations in wire (AWG) size (22-18, 16-14, 12-
10, etc.) and construction (non-insulated brazed seam,
vinyl insulated butted seam, nylon insulated with insu-
lation grip, etc.). The terminal line shall have regulato-
ry agency coverage (UL Listing, CSA Certification).
The terminal tongue shall be marked with the wire
range and manufacturer’s symbol ( ).
The non-insulated, butted seam ring tongue terminal
shall be tin-plated, annealed copper, with the tongue
having a specified stud hole (size 4 thru 1/4 in.) and a
butted seam barrel with a beveled I.D. for ease of
stranded wire entry, sized for a specified (AWG) wire
range (22-18, 16-14,
12-10).
Non-insulated terminals shall be UL Listed and CSA
Certified.


Similar Part No. - R18-8

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
R18-10X FOTEK-R18-10X Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
R18-10X-M12 FOTEK-R18-10X-M12 Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
R18-10X-PG FOTEK-R18-10X-PG Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
logo
List of Unclassifed Man...
R18-1206 ETC2-R18-1206 Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
logo
FOTEK CONTROLS CO., LTD...
R18-30X FOTEK-R18-30X Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
More results

Similar Description - R18-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
L-11-10-P AD-L-11-10-P Datasheet
30Kb / 4P
   11-2S-P thru 13-500-P Ring Tongue, Vinyl Insulated, Butted Seam
logo
PANDUIT CORP.
D18-250B PANDUIT-D18-250B Datasheet
47Kb / 1P
   NON-INSULATED FEMALE DISCONNECT(BUTTED SEAM)
D18-188B PANDUIT-D18-188B Datasheet
51Kb / 1P
   NON-INSULATED FEMALE DISCONNECT, BUTTED SEAM
P2-12R-X PANDUIT-P2-12R-X Datasheet
83Kb / 1P
   2 BARREL NON- INSULATED RING TONGUE
P4-38R-T PANDUIT-P4-38R-T Datasheet
85Kb / 1P
   4 BARREL NON-INSULATED RING TONGUE
P2-14R-T PANDUIT-P2-14R-T Datasheet
83Kb / 1P
   2 BARREL NON-INSULATED RING TONGUE
P18-4R PANDUIT-P18-4R Datasheet
60Kb / 1P
   22-18 BARREL NON-INSULATED RING TONGUE
P14-4R PANDUIT-P14-4R Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED RING TONGUE
P22-2R PANDUIT-P22-2R Datasheet
80Kb / 1P
   26-22 BARREL NON-INSULATED RING TONGUE
logo
List of Unclassifed Man...
GS5-10 ETC2-GS5-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com