Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSRG1206C1C Datasheet(PDF) 3 Page - OptoSupply International

Part # OSRG1206C1C
Description  3.2 x 2.7 x 1.1mm Red & Yellow green SMD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSRG1206C1C Datasheet(HTML) 3 Page - OptoSupply International

  OSRG1206C1C Datasheet HTML 1Page - OptoSupply International OSRG1206C1C Datasheet HTML 2Page - OptoSupply International OSRG1206C1C Datasheet HTML 3Page - OptoSupply International OSRG1206C1C Datasheet HTML 4Page - OptoSupply International OSRG1206C1C Datasheet HTML 5Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.optosupply.com
VER A.0
3
3..2
2 x
x 2
2..7
7 x
x 1
1..1
1m
mm
m R
Re
ed
d &
& Y
Ye
ellllo
ow
w g
gr
re
ee
en
n S
SM
MD
D
OSRG1206C1C
Ver.A.2
3) Manual Soldering conditions.
- Lead Solder
Max. 300 for Max. 3sec, and only one time. ℃
- Lead-free Solder
Max. 350 for Max. 3sec, and only one time. ℃
- There is possibility that the brightness of LEDs is decreased, which is influenced by heat or ambient
atmosphere during reflow. It is recommended to use the nitrogen reflow method.
- After LEDs have been soldered, repair should not be done. As repair is unavoidable, a double-head
soldering iron should be used. It should be confirmed beforehand whether the characteristics of the
LEDs will be damaged by repairing or not.
- Reflow soldering should not be done more than two times.
LED & Application Technologies


Similar Part No. - OSRG1206C1C

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRG0603C1A_N OPTOSUPPLY-OSRG0603C1A_N Datasheet
230Kb / 4P
   3.2 x 2.7 x 1.1mm Red & Yellow green SMD
OSRG0603C1C OPTOSUPPLY-OSRG0603C1C Datasheet
230Kb / 4P
   1.6 x 1.5 x 0.55mm Red & Yellow green SMD
OSRGH4S2C1A OPTOSUPPLY-OSRGH4S2C1A Datasheet
96Kb / 1P
   3.5x2.8x1.9mm Red & Yellow Green SMD LED
OSRGH4S2C1A OPTOSUPPLY-OSRGH4S2C1A Datasheet
109Kb / 1P
   3.5x2.8x1.9mm Red & Yellow Green SMD LED
OSRGH4S2C1A OPTOSUPPLY-OSRGH4S2C1A_12 Datasheet
109Kb / 1P
   3.5x2.8x1.9mm Red & Yellow Green SMD LED
More results

Similar Description - OSRG1206C1C

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRG0603C1A_N OPTOSUPPLY-OSRG0603C1A_N Datasheet
230Kb / 4P
   3.2 x 2.7 x 1.1mm Red & Yellow green SMD
logo
P-tec Corporation
PL00182-WCGB1711 P-TEC-PL00182-WCGB1711 Datasheet
28Kb / 1P
   Flat lens thin package 3.2 x 2.7 x 1.1mm
PL00182-WCRG2011 P-TEC-PL00182-WCRG2011 Datasheet
28Kb / 1P
   Flat lens thin package 3.2 x 2.7 x 1.1mm
PL00182-WCAB0311 P-TEC-PL00182-WCAB0311 Datasheet
28Kb / 1P
   Flat lens thin package 3.2 x 2.7 x 1.1mm
PL00182-WCBG1117 P-TEC-PL00182-WCBG1117 Datasheet
28Kb / 1P
   Flat lens thin package 3.2 x 2.7 x 1.1mm
PL00182-WCGY1322 P-TEC-PL00182-WCGY1322 Datasheet
28Kb / 1P
   Flat lens thin package 3.2 x 2.7 x 1.1mm
PL00182-WCRG0817 P-TEC-PL00182-WCRG0817 Datasheet
28Kb / 1P
   Flat lens thin package 3.2 x 2.7 x 1.1mm
PL00182-WCGY1706 P-TEC-PL00182-WCGY1706 Datasheet
28Kb / 1P
   Flat lens thin package 3.2 x 2.7 x 1.1mm
PL00182-WCYG0617 P-TEC-PL00182-WCYG0617 Datasheet
28Kb / 1P
   Flat lens thin package 3.2 x 2.7 x 1.1mm
logo
Transko Electronics, In...
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
   MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com