Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OST05WG01GD-XXXXT5C1B Datasheet(PDF) 2 Page - OptoSupply International

Part # OST05WG01GD-XXXXT5C1B
Description  Green light source, fast response
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST05WG01GD-XXXXT5C1B Datasheet(HTML) 2 Page - OptoSupply International

  OST05WG01GD-XXXXT5C1B Datasheet HTML 1Page - OptoSupply International OST05WG01GD-XXXXT5C1B Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Intensity / Per
LED
(Typ.)
Overall
luminous
flux(20mA)
R5RUT5C1B
Red
625 nm
140mcd
1.0lm
G5DUT5C1B
Green
525 nm
450mcd
3.5lm
B5YUT5C1B
Blue
470 nm
130mcd
0.6lm
Y5RUT5C1B
Yellow
590 nm
140mcd
1.0lm
W5YKT5C1B
White
X=0.27,Y=0.28
270mcd
3.0lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
16
V
Input Current (DC)
Ii
30
mA
Power Dissipation
Pa
0.48
W
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tstg
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
0.24
0.48
w
Input Voltage(DC)
Vi
-
12
16
V
Product Input Current
If
-
20
30
mA
Beam Pattern
BP
-
120
-
Deg
Total Diameter of PCB
Lmod.
-
21
-
mm
Net Weight
Wei.
---
0.36
---
g
Model No.
OST05WG01GD-
XXXXT5C1B
REV.
C1


Similar Part No. - OST05WG01GD-XXXXT5C1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST05WG01GD-XXXXT531B OPTOSUPPLY-OST05WG01GD-XXXXT531B Datasheet
1Mb / 2P
   T5 Round AUTO LED
OST05WG01GD-XXXXT5E1B OPTOSUPPLY-OST05WG01GD-XXXXT5E1B Datasheet
1Mb / 2P
   Green light source, fast response
More results

Similar Description - OST05WG01GD-XXXXT5C1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X1-XXXXS1C1A OPTOSUPPLY-OSPRO2X1-XXXXS1C1A Datasheet
51Kb / 3P
   Green light source, fast response
OSPRO2X2-VXXLS1C1A OPTOSUPPLY-OSPRO2X2-VXXLS1C1A Datasheet
60Kb / 3P
   Green light source, fast response
OST05WG01GD-XXXXT5E1B OPTOSUPPLY-OST05WG01GD-XXXXT5E1B Datasheet
1Mb / 2P
   Green light source, fast response
OEMC57I12KP-XXXME1E1E OPTOSUPPLY-OEMC57I12KP-XXXME1E1E Datasheet
101Kb / 3P
   Green light source, fast response Long life, easy installation
OEMCA0I18KP-XXXME1E1E OPTOSUPPLY-OEMCA0I18KP-XXXME1E1E Datasheet
101Kb / 3P
   Green light source, fast response Long life, easy installation
OST20WG09GD-R5RUT831A OPTOSUPPLY-OST20WG09GD-R5RUT831A Datasheet
1Mb / 2P
   T18-09LAMPS AUTO LED Green light source, fast response
OST25US12GD-R5RU5F71B OPTOSUPPLY-OST25US12GD-R5RU5F71B Datasheet
40Kb / 2P
   T25-12LAMPS AUTO LED Green light source, fast response
OSPR3XX1-R5XME1C1E OPTOSUPPLY-OSPR3XX1-R5XME1C1E Datasheet
46Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX6-XXXXE1C1E OPTOSUPPLY-OSPR3XX6-XXXXE1C1E Datasheet
46Kb / 2P
   Xeon Power 3W LED Module Green light source, fast response
OSPR3XX3-XXXME1C1E OPTOSUPPLY-OSPR3XX3-XXXME1C1E Datasheet
45Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com