Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMG6NTR Datasheet(PDF) 3 Page - Rohm

Part # UMG6NTR
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMG6NTR Datasheet(HTML) 3 Page - Rohm

  UMG6NTR Datasheet HTML 1Page - Rohm UMG6NTR Datasheet HTML 2Page - Rohm UMG6NTR Datasheet HTML 3Page - Rohm UMG6NTR Datasheet HTML 4Page - Rohm UMG6NTR Datasheet HTML 5Page - Rohm UMG6NTR Datasheet HTML 6Page - Rohm UMG6NTR Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMG6 / UMG6N / FMG6A
lElectrical characteristic curves
(Ta = 25°C)
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.2 Grounded emitter output
characteristics
COLLECTOR TO EMITTER
VOLTAGE : VCE (V)
Fig.3 DC Current gain
vs. Collector Current
COLLECTOR CURRENT : IC (mA)
Fig.4 Collector-emitter saturation voltage
vs. Collector Current
COLLECTOR CURRENT : IC (mA)
0
10
20
30
40
50
0
5
10
100μA
0A
120μA
140μA
160μA
180μA
200μA
80μA
60μA
40μA
IB=
Ta=25ºC
20μA
0.001
0.01
0.1
1
10
0
0.5
1
1.5
2
VCE=5V
Ta=100ºC
25ºC
-
40ºC
3/6
2012.06 - Rev.B


Similar Part No. - UMG6NTR

ManufacturerPart #DatasheetDescription
logo
Rohm
UMG6N ROHM-UMG6N Datasheet
72Kb / 2P
   General purpose (dual digital transistors)
UMG6N ROHM-UMG6N Datasheet
71Kb / 3P
   General purpose (dual digital transistors)
UMG6N ROHM-UMG6N Datasheet
159Kb / 3P
   General purpose (dual digital transistors)
UMG6N ROHM-UMG6N Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
More results

Similar Description - UMG6NTR

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG5T2R ROHM-EMG5T2R Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG3 ROHM-UMG3 Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2AT148 ROHM-FMG2AT148 Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG8AT148 ROHM-FMG8AT148 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com