Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDSDAC-016G Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SDSDAC-016G
Description  SanDisk SD Card
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDSDAC-016G Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SDSDAC-016G Datasheet HTML 6Page - List of Unclassifed Manufacturers SDSDAC-016G Datasheet HTML 7Page - List of Unclassifed Manufacturers SDSDAC-016G Datasheet HTML 8Page - List of Unclassifed Manufacturers SDSDAC-016G Datasheet HTML 9Page - List of Unclassifed Manufacturers SDSDAC-016G Datasheet HTML 10Page - List of Unclassifed Manufacturers SDSDAC-016G Datasheet HTML 11Page - List of Unclassifed Manufacturers SDSDAC-016G Datasheet HTML 12Page - List of Unclassifed Manufacturers SDSDAC-016G Datasheet HTML 13Page - List of Unclassifed Manufacturers SDSDAC-016G Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SanDisk SD Card - OEM Product Manual
Product Specifications
11/2010, Version 2.9. © 2007 - 2010 SanDisk Corporation. SanDisk Confidential, subject to all applicable non-disclosure agreements
7
7
2
Product Specifications
2.1
SD Card
This section provides product specifications for the SanDisk SD Card.
Typical Card Power Requirements
The values stated in Table 2-1 represent the SanDisk SD Card power requirements.
Table 2-1
San Disk SD Card Power Requirements
Mode
Maximum Value
Standard Mode (25 MHz)
Sleep
350 uA
Read
100 mA
Write
100 mA
Standard Mode
– for SDXC card -
XPC bit on(25 MHz)
Host selected XPC bit in ACMD41
Sleep
350 uA
Read
150 mA
Write
150 mA
High Performance Mode (50 MHz)
Sleep
350 uA
Read
200 mA
Write
200 mA
UHS-I SDR50 Mode
– (100 MHz)
Sleep
350 uA
Read
400 mA
Write
400 mA
UHS-I DDR50 Mode
– (50 MHz)
Sleep
350 uA
Read
400 mA
Write
400 mA
UHS-I SDR104 Mode
– (208 MHz)
Sleep
350 uA
Read
800 mA
Write
800 mA
NOTE Current consumption is measured by averaging over one (1) second. Refer to Section
6.6.3 of the SDA Physical Layer Specification, Version 3.01 for more information.
2.1.1
System Performance
This section provides the system performance specifications for the SanDisk SD Card. All
performance values in Table 2-2 were measured under the following conditions:
Voltage range 2.7 to 3.6V


Similar Part No. - SDSDAC-016G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SDSDB-256-A10 AD-SDSDB-256-A10 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSDQ2-2048 ETC2-SDSDQ2-2048 Datasheet
1Mb / 2P
   From the world leader in flash memory cards
SDSDQAB-004G ETC2-SDSDQAB-004G Datasheet
768Kb / 27P
   OEM Product Manual
SDSDQAB-004G ETC1-SDSDQAB-004G Datasheet
1Mb / 4P
   Transforming possibilities into reality
More results

Similar Description - SDSDAC-016G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSQUAR-016G-GN6MA ETC1-SDSQUAR-016G-GN6MA Datasheet
205Kb / 1P
   16GB SANDISK ULTRA microSDHC CLASS 10 MEMORY CARD
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
   SD Card
logo
Western Digital Corpora...
SDIN7DP2-4G WESTERN-SDIN7DP2-4G Datasheet
351Kb / 2P
   SanDisk Commercial Embedded Storage Solutions
logo
FCI connector
10067847-001RLF FCI-CONNECTOR-10067847-001RLF Datasheet
269Kb / 8P
   SD CARD CONNECTOR
logo
Advantech Co., Ltd.
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
List of Unclassifed Man...
412D02F-09PC003SV ETC2-412D02F-09PC003SV Datasheet
251Kb / 1P
   SD Card Receptacle
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
logo
Kyocera Kinseki Corpota...
5138 KSS-5138 Datasheet
413Kb / 2P
   micro SD Card Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com