Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF1116 Datasheet(PDF) 5 Page - Silikron Semiconductor Co.,LTD.

Part # SSF1116
Description  Advanced trench process technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1116 Datasheet(HTML) 5 Page - Silikron Semiconductor Co.,LTD.

  SSF1116 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1116 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1116 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1116 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1116 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©Silikron Semiconductor Corporation
2010.12.1
Version:
2.1
page
5of5
SSF1116
TO-220 MECHANICAL DATA:


Similar Part No. - SSF1116

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF1116 GOOD-ARK-SSF1116 Datasheet
1Mb / 5P
   110V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF1116A SILIKRON-SSF1116A Datasheet
880Kb / 5P
   Advanced trench process technology
logo
GOOD-ARK Electronics
SSF1116A GOOD-ARK-SSF1116A Datasheet
1Mb / 5P
   110V N-Channel MOSFET
SSF1116A GOOD-ARK-SSF1116A_15 Datasheet
1Mb / 5P
   110V N-Channel MOSFET
SSF1116 GOOD-ARK-SSF1116_15 Datasheet
1Mb / 5P
   110V N-Channel MOSFET
More results

Similar Description - SSF1116

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1122D SILIKRON-SSF1122D Datasheet
627Kb / 5P
   Advanced trench process technology
SSF6010A SILIKRON-SSF6010A Datasheet
449Kb / 5P
   Advanced trench process technology
SSF6014A SILIKRON-SSF6014A Datasheet
486Kb / 5P
   Advanced trench process technology
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
   Advanced trench process technology
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
   Advanced trench process technology
SSF3014 SILIKRON-SSF3014 Datasheet
298Kb / 5P
   Advanced trench process technology
SSF3022 SILIKRON-SSF3022 Datasheet
339Kb / 5P
   Advanced trench process technology
logo
First Silicon Co., Ltd
FTK9926 FS-FTK9926 Datasheet
2Mb / 4P
   Advanced trench process technology
logo
Silikron Semiconductor ...
SSF1122 SILIKRON-SSF1122 Datasheet
627Kb / 5P
   Advanced trench process technology
SSFD6046 SILIKRON-SSFD6046 Datasheet
1Mb / 4P
   Advanced trench process technology
SSF1030D SILIKRON-SSF1030D Datasheet
832Kb / 5P
   Advanced trench process technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com