Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB288640A6 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HB288640A6
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288640A6 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HB288640A6 Datasheet HTML 4Page - Hitachi Semiconductor HB288640A6 Datasheet HTML 5Page - Hitachi Semiconductor HB288640A6 Datasheet HTML 6Page - Hitachi Semiconductor HB288640A6 Datasheet HTML 7Page - Hitachi Semiconductor HB288640A6 Datasheet HTML 8Page - Hitachi Semiconductor HB288640A6 Datasheet HTML 9Page - Hitachi Semiconductor HB288640A6 Datasheet HTML 10Page - Hitachi Semiconductor HB288640A6 Datasheet HTML 11Page - Hitachi Semiconductor HB288640A6 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
HB2881000/800/640/448/320/256/192/160/128/096/064/032A6
8
Signal name
Direction Pin No.
Description
RESET
(PC Card Memory mode)
I
58
This signal is active high RESET pin. If this signal is
asserted high, the card internal initialization begins to
operate. During the card internal initialization
RDY/-BSY is low. After the card internal initialization
RDY/-BSY is high.
RESET
(PC Card I/O mode)
This signal is active high RESET pin. If this signal is
asserted high, the card internal initialization begins to
operate. In this mode, RDY/-BSY signal can not be
used, so using Status Register the Ready/Busy status
can be confirmed.
-RESET
(True IDE mode)
This signal is active low -RESET pin. If this signal is
asserted low, all the register’s in this card are reset.
In this mode, RDY/-BSY signal can not be used, so
using status register the Ready/Busy status can be
confirmed.
VCC
(PC Card Memory mode)
17, 51
+5 V, +3.3 V power.
VCC
(PC Card I/O mode)
VCC
(True IDE mode)
-VS1, -VS2
(PC Card Memory mode)
O
43, 57
These signals are intended to notify VCC requirement
to host. -VS1 is held grounded and -VS2 is
nonconnected in this card.
-VS1, -VS2
(PC Card I/O mode)
-VS1, -VS2
(True IDE mode)
-WAIT
(PC Card Memory mode)
O
59
This signal is active low -WAIT pin. In this card this
signal is constantly high level.
-WAIT
(PC Card I/O mode)
IORDY
(True IDE mode)
This output signal may be used as IORDY. In this
card this signal is constantly high impedance.
-WE
(PC Card Memory mode)
I
15
-WE is used for the control of writing register’s data in
attribute memory area or task file area.
-WE
(PC Card I/O mode)
-WE is used for the control of writing register’s data in
attribute memory area.
-WE
(True IDE mode)
This input signal is not used and should be connected
to VCC by the host.


Similar Part No. - HB288640A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288640A5 HITACHI-HB288640A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288640A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com