Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKN-35 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # LKN-35
Description  REN (250V) RES (600V) Renewable Class H Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LKN-35 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  LKN-35 Datasheet HTML 1Page - Cooper Bussmann, Inc. LKN-35 Datasheet HTML 2Page - Cooper Bussmann, Inc. LKN-35 Datasheet HTML 3Page - Cooper Bussmann, Inc. LKN-35 Datasheet HTML 4Page - Cooper Bussmann, Inc. LKN-35 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data 1028
Effective March 2014
REN (250V) & RES (600V)
Renewable Class H Fuses
www.bussmann.com
Dimensions - in
Replacement 250V REN & 600V RES fuse links
250V LKN Fuse link catalog numbers (amps)
LKN-1
LKN-10
LKN-60
LKN-200
LKN-1-1/2
LKN-12
LKN-70
LKN-225
LKN-2
LKN-15
LKN-75
LKN-250
LKN-3
LKN-20
LKN-80
LKN-300
LKN-4
LKN-25
LKN-90
LKN-350
LKN-5
LKN-30
LKN-100
LKN-400
LKN-6
LKN-35
LKN-110
LKN-450
LKN-7
LKN-40
LKN-125
LKN-500
LKN-8
LKN-45
LKN-150
LKN-600
LKN-9
LKN-50
LKN-175
-—
250V LKN Fuse link carton quantity and weight
Catalog
Number
Carton
Qty
Weight
Lbs (kg)*
LKN 1–30
20
0.05 (0.02)
LKN 35–60
20
0.20 (0.09)
LKN 70–100
10
0.20 (0.09)
LKN 110–200
5
0.25 (0.11)
LKN 225–400
5
0.55 (0.25)
LKN 450–600
2
0.32 (0.15)
*Weight per carton.
600V LKS Fuse link catalog numbers (amps)
LKS-1
LKS-10
LKS-50
LKS-200
LKS-2
LKS-12
LKS-60
LKS-225
LKS-2-1/2
LKS-15
LKS-70
LKS-250
LKS-3
LKS-17-1/2
LKS-80
LKS-300
LKS-4
LKS-20
LKS-90
LKS-350
LKS-5
LKS-25
LKS-100
LKS-400
LKS-6
LKS-30
LKS-110
LKS-450
LKS-7
LKS-35
LKS-125
LKS-500
LKS-8
LKS-40
LKS-150
LKS-600
LKS-9
LKS-45
LKS-175
600V RES Fuse link carton quantity and weight
Catalog
Number
Carton
Qty
Weight
Lbs (kg)*
LKS 1–30
20
0.05 (0.02)
LKS 35–60
20
0.02 (0.09)
LKS 65–100
10
0.02 (0.09)
LKS 110–200
5
0.25 (0.11)
LKS 225–400
5
0.55 (0.25)
LKS 450–600
2
0.32 (0.15)
*Weight per carton.
1A to 30A
0.56"
2"
35A to 60A
0.81"
3"
1.06"
5.5"
35A to 60A
1A to 30A
0.81"
5"
250V REN
600V RES


Similar Part No. - LKN-35

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LKN-35 COOPER-LKN-35 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKN-35 COOPER-LKN-35 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKN-350 COOPER-LKN-350 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKN-350 COOPER-LKN-350 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
More results

Similar Description - LKN-35

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RES-50 COOPER-RES-50 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
RES-150 COOPER-RES-150 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
logo
List of Unclassifed Man...
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
logo
Eaton All Rights Reserv...
REN EATON-REN Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Littelfuse
RLN LITTELFUSE-RLN Datasheet
777Kb / 1P
   RLN/RLS Class H Fuses
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Littelfuse
RLN LITTELFUSE-RLN_V01 Datasheet
296Kb / 1P
   Class H ??RLN / RLS series fuses & lkn / lks links
Rev: 100112
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com