Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB288032C5 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HB288032C5
Description  CompactFlash?
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288032C5 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HB288032C5 Datasheet HTML 1Page - Hitachi Semiconductor HB288032C5 Datasheet HTML 2Page - Hitachi Semiconductor HB288032C5 Datasheet HTML 3Page - Hitachi Semiconductor HB288032C5 Datasheet HTML 4Page - Hitachi Semiconductor HB288032C5 Datasheet HTML 5Page - Hitachi Semiconductor HB288032C5 Datasheet HTML 6Page - Hitachi Semiconductor HB288032C5 Datasheet HTML 7Page - Hitachi Semiconductor HB288032C5 Datasheet HTML 8Page - Hitachi Semiconductor HB288032C5 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
HB288256C5/HB288192C5
HB288160C5/HB288128C5
HB288096C5/HB288064C5
HB288032C5
CompactFlash™
256 MByte/192 MByte/160 MByte/128 MByte
96 MByte/64 MByte/32 MByte
ADE-203-951D (Z)
Rev. 3.0
Oct. 23 2000
Description
HB288256C5, HB288192C5, HB288160C5, HB288128C5, HB288096C5, HB288064C5, HB288032C5 are
CompactFlash™. This card complies with CompactFlash™ specification, and is suitable for the usage of data
storage memory medium for PC or any other electric equipment and digital still camera. This card is
equipped with Hitachi 256 Mega bit Flash memory. This card is suitable for ISA (Industry Standard
Architecture) bus interface standard, and read/write unit is 1 sector (512 bytes) sequential access. By using
this card it is possible to operate good performance for the system which have CompactFlash
TM slots.
Note:
CompactFlash™ is a trademark of SanDisk Corporation and is licensed royalty-free to the CFA which
in turn will license it royalty-free to CFA members.
*CFA: CompactFlash™ Association.
Features
• CompactFlash™ specification standard
 50 pin two pieces connector and Type I (3.3 mm)
• 3.3V / 5V single power supply operation
• Card density is 256 Mega bytes maximum
 This card is equipped with Hitachi 256 Mega bit Flash memory


Similar Part No. - HB288032C5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288032C6 HITACHI-HB288032C6 Datasheet
170Kb / 67P
   CompactFlash?
More results

Similar Description - HB288032C5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com