Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAK350 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSAK350
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAK350 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSAK350 Datasheet HTML 1Page - Wall Industries,Inc. PSAK350 Datasheet HTML 2Page - Wall Industries,Inc. PSAK350 Datasheet HTML 3Page - Wall Industries,Inc. PSAK350 Datasheet HTML 4Page - Wall Industries,Inc. PSAK350 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Wall Industries, Inc.
Rev A
PSAK350 SERIES
Up to 360 Watts, AC/DC Switching Power Supplies
09/13/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
PEAK LOADING
I
T
I-normal
I-peak
T-peak
T-normal
0
T-peak represents the period during which the output current is at 110% to
150% of nominal (shown as I-peak). Curve B shows the relationship between
the percentage of peak current (I-peak) and the allowable duration (T-peak).
If the peak current takes longer than the allowed duration indicated by curve
B, the output current will drop to a constant limited current of 105% of
nominal. The unit between peak currents (T-normal) is dependant upon the
output current drawn between the peaks (I-normal) and curve A shows the
relationship between the two. The higher the percentage of normal current
(I-normal) is of the nominal current, the longer the interval (T-normal) before
the next peak current can be drawn.
T - normal (sec.)
I - normal (sec.)
24
20
16
12
8
4
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
T - peak (sec.)
I-peak
20
16
12
8
4
0
110% 115% 120% 125% 130% 135% 140% 145% 150%
24
Curve A
Curve B
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - PSAK350

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAK3000 WALL-PSAK3000 Datasheet
359Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAK350

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com