Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAK-650-12 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAK-650-12
Description  AC/DC Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAK-650-12 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAK-650-12 Datasheet HTML 1Page - Wall Industries,Inc. PSAK-650-12 Datasheet HTML 2Page - Wall Industries,Inc. PSAK-650-12 Datasheet HTML 3Page - Wall Industries,Inc. PSAK-650-12 Datasheet HTML 4Page - Wall Industries,Inc. PSAK-650-12 Datasheet HTML 5Page - Wall Industries,Inc. PSAK-650-12 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/29/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 6
PSAK650 Series
Single Output
Up to 652 Watts
AC/DC Switching Power Supply
Rev D
FEATURES
● RoHS Compliant
● Power OK Signal (Power Good, Logic low)
● Intelligent LED Indicators
● Remote On/Off and Remote Sense Function
● High Efficiency up to 91%
● Forced Current Sharing at Parallel Operation
● +5V/0.5A Auxiliary Output
● Programmable Output Current (20% ~ 105%)
● 1U Profile, High Power Density
● Programmable Output Voltage (30% ~ 105%)
● Universal AC Input with Active PFC
● Protection: OVP, OLP, OTP, SCP, Fan Failure
DESCRIPTION
The PSAK650 series of AC/DC switching power supplies provides up to 652 Watts of continuous output power in an enclosed design. All models
have a single output and a universal input range with active PFC. Some features include efficiency up to 91%, 0.99 typical power factor, remote
on/off, and forced current sharing at parallel operation. These supplies have over load, over voltage, over temperature, and short circuit protection.
SPECIFICATIONS: PSAK650 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range (See Note 3)
90 ~ 264VAC
(127~370VDC)
Input Frequency
47 to 63Hz
AC Current (typical)
6.4A @ 115VAC;
3.2A @ 230VAC
Inrush Current (typical)
20A @ 115VAC;
30A @ 230VAC
Leakage Current
< 2.0mA @ 240VAC
Remote ON/OFF
External switch or NPN Transistor to turn ON/OFF
Power Factor (typical)
EN61000-3-2 (0.99 @ 115VAC and full load; 0.98 @ 230VAC and full load)
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Adjustment Range
±5.0% typical adjustment by potentiometer
Voltage Tolerance (See Note 2)
±1.0%
Output Voltage Trim
Adjustment of output voltage is between 30%~105% of rated output.
Output Current Trim
Adjustment of output current is between 20%~105% of rated output.
Line Regulation
±0.5%
Load Regulation
±0.5%
Output Current
See Table
Ripple & Noise (See Note 1)
150mVp-p max.
Setup, Rise Time
800ms, 50ms at full load
Hold-Up Time (typical)
16ms @ 230VAC and full load
PROTECTION
Over Voltage Protection
See Table
Protection Type: Latch-style (recovery after reset AC power ON or inhibit)
Over Load Protection
105% ~ 125% rated output power
Protection Type: Total power limiting, Latch-style (recovery after reset AC power ON or inhibit)
Over Temperature Protection
90°C ±5°C detect on heatsink of primary side, 85°C ±5°C detect on heatsink of secondary side
Protection Type: Shutdown output voltage (automatically recovers after temperature goes down)
GENERAL SPECIFICATIONS
Efficiency
See Table
Withstand Voltage
3KVAC (input to output); 1.5KVAC (input to FG); 0.5KVAC (output to FG)
Isolation Resistance
100MΩ/500VDC (input to output, input to FG, output to FG)
Auxiliary Power
5V @ 0.5A (±3%)
Power OK Signal
Open drain signal low when PSU turns on. Max sink current: 20mA, Max drain voltage: 40V.
Parallel Current Sharing (See Note 4)
Refer to Page 5
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-25°C to +60°C (refer to derating curve)
Storage Temperature
-40°C to +85°C
Working Humidity
20% to 90% RH (non-condensing)
Storage Humidity
10% to 95% RH
Vibration
Compliance to IEC 68-2-6, IEC 68-2-64
Cooling
Controlled by power rating and temperature (Internal ball bearing fan)
Temperature Coefficient
±0.02% / °C (0 ~ 50°C)
MTBF
166,200 hours (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Packing
3.97 lbs (1.8kg)
Dimensions (See page 6)
9.80(L) x 5.00(W) x 1.61(H) inches;
249(L) x 127(W) x 40.9(H) mm
SAFETY & EMC (See Note 5)
Safety Standards
Meet UL/cUL 60950-1, TUV EN60950-1 approved
EMI Conduction & Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,-3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, EN61000-6-2, EN61204-3, heavy industry level, criteria A


Similar Part No. - PSAK-650-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAK-100-12 WALL-PSAK-100-12 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-13.5 WALL-PSAK-100-13.5 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-15 WALL-PSAK-100-15 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-24 WALL-PSAK-100-24 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-27 WALL-PSAK-100-27 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
More results

Similar Description - PSAK-650-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com