Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAQF120U-5S Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAQF120U-5S
Description  AC/DC Switching Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF120U-5S Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAQF120U-5S Datasheet HTML 1Page - Wall Industries,Inc. PSAQF120U-5S Datasheet HTML 2Page - Wall Industries,Inc. PSAQF120U-5S Datasheet HTML 3Page - Wall Industries,Inc. PSAQF120U-5S Datasheet HTML 4Page - Wall Industries,Inc. PSAQF120U-5S Datasheet HTML 5Page - Wall Industries,Inc. PSAQF120U-5S Datasheet HTML 6Page - Wall Industries,Inc. PSAQF120U-5S Datasheet HTML 7Page - Wall Industries,Inc. PSAQF120U-5S Datasheet HTML 8Page - Wall Industries,Inc. PSAQF120U-5S Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/04/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 10
DATASHEET
Rev. A
PSAQF120 SERIES
90~264VAC (120~370VDC) Input
180W with 18CFM Fan, 120W Convection Cooling
PFC Function, Single Output
AC/DC Switching Power Supplies
FEATURES
● Single Output
● RoHS Compliant
● PFC Function > 0.95
● Low Ripple and Noise
● 180W with 18CFM Fan
● High Efficiency up to 93%
● 120W with Free Air Convection
● Optional I/O Connectors Available (Type A or Type B)
● Short Circuit, Over Power, and Over Voltage Protection
● Universal Input Voltage Range: 90~264VAC (120~370VDC)
● 4 Mechanical Options Available: Open Frame, U-Chassis, Enclosed Case, and DIN Rail
DESCRIPTION
The PSAQF120 series of AC/DC switching power supplies offers up to 180W of output power with 18CFM fan and up to
120W with free air convection. All models have a single output and a universal input. Some features include 4000VAC I/O
isolation, PFC function > 0.95, and efficiency up to 93%. These supplies also have UL/cUL and CE safety approvals and
are RoHS compliant. All models are protected against short circuit, over power, and over voltage conditions. Models are
available in open frame (Type O), U-Chassis (Type U), enclosed case (Type C), and DIN rail (Type DN) designs.
Type O
Type U
Type C
Type DN
A TYPE
B TYPE
E199779 LEVEL3


Similar Part No. - PSAQF120U-5S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF100O WALL-PSAQF100O Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-12S WALL-PSAQF100O-12S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-15S WALL-PSAQF100O-15S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-24S WALL-PSAQF100O-24S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-48S WALL-PSAQF100O-48S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAQF120U-5S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com