Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSIUU100-102 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSIUU100-102
Description  AC/DC Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSIUU100-102 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSIUU100-102 Datasheet HTML 1Page - Wall Industries,Inc. PSIUU100-102 Datasheet HTML 2Page - Wall Industries,Inc. PSIUU100-102 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Rev A
PSIUU100 SERIES
Up to 100 Watts, AC/DC Switching Power Supplies
02/25/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
MECHANICAL DRAWING
2.57±0.08 [65.2±2.0]
1.18±0.02
[30.0±0.5]
1.18±0.08
[30.0±2.0]
#6-32 (MOUTING HOLES)X3
#6-32 (MOUTING HOLES)X6
AC INPUT
3.21±0.02 [81.6±0.5]
0.56±0.02 [14.3±0.5]
PITCH=0.31 [7.92]
1.44±0.08
[36.6±2.0]
PITCH=0.16 [3.96]
0.66±0.02 [16.8±0.5]
#6-32 (MOUTING HOLES)X2
LED
DC OUTPUT 13
1
PIN CONNECTIONS
PIN
DESIGNATION
1
OUT
2
OUT
3
OUT
4
OUT
5
OUT
6
OUT
7
RTN
8
RTN
9
RTN
10
RTN
11
RTN
12
RTN
13
N/C
NOTES
1. Unit: Inches [mm]
2. Weight: 1.05 lbs (475g)
3. Input connector mates with Molex housing 09-52-4054 and Molex 2478 series crimp terminal
4. Output connector mates with Molex housing 09-52-4134 and Molex 2478 series crimp terminal
5. 2-pin input connector also available (See PSIUU101 Series)
6. All dimensions are for reference only
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will provide a
solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example of our
commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to
ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and
beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Road
Exeter, NH 03833


Similar Part No. - PSIUU100-102

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSIUU101 WALL-PSIUU101 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSIUU101-101 WALL-PSIUU101-101 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSIUU101-102 WALL-PSIUU101-102 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSIUU101-103 WALL-PSIUU101-103 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSIUU101-104 WALL-PSIUU101-104 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
More results

Similar Description - PSIUU100-102

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com