Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMAD100-28S-U Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSMAD100-28S-U
Description  AC/DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMAD100-28S-U Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSMAD100-28S-U Datasheet HTML 1Page - Wall Industries,Inc. PSMAD100-28S-U Datasheet HTML 2Page - Wall Industries,Inc. PSMAD100-28S-U Datasheet HTML 3Page - Wall Industries,Inc. PSMAD100-28S-U Datasheet HTML 4Page - Wall Industries,Inc. PSMAD100-28S-U Datasheet HTML 5Page - Wall Industries,Inc. PSMAD100-28S-U Datasheet HTML 6Page - Wall Industries,Inc. PSMAD100-28S-U Datasheet HTML 7Page - Wall Industries,Inc. PSMAD100-28S-U Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Wall Industries, Inc.
Rev C
PSMAD100 SERIES
100 Watt, Medical AC/DC Power Supplies
05/22/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 8
CHARACTERISTIC CURVES
Derating Curve vs Ambient Temperature
Derating Curve vs Input Voltage
0
20
40
60
80
100
120
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Ambient Temperature (°C)
Natural Convection
0
20
40
60
80
100
120
85
90
95 100 105 110 115
264
Input Voltage (VAC)
Efficiency vs Input Voltage
Efficiency vs Output Load
80
82
84
86
88
90
92
85
90
110
130
150
170
190
210
230
250
264
Iout = 100% F.L.
Iout = 50% F.L.
Input Voltage (VAC)
82
84
86
88
90
92
94
10
20
30
40
50
60
70
80
90
100
% of Full Load
Vin = 115VAC
Vin = 230VAC
MECHANICAL DRAWING
OPEN FRAME MODELS (SUFFIX “-O”)
3.00 (76.2)
2.750 (69.80)
1
3
4
1
Voltage Adj.
Ø0.13
(Ø3.2)
TOP VIEW
FRONT VIEW
SIDE VIEW
0.10 (2.5) max.
CON 1 - Input Connector
Pin 1
Line
Pin 3
Neutral
Mates with JST housing VHR-3N
and JST Series SVH-21T-P1.1
crimp terminals
CON 2 - Output Connector
Pins 1, 2
-Vout
Pins 3, 4
+Vout
Mates with JST housing VHR-4N
and JST Series SVH-21T-P1.1
crimp terminals
Mounting holes marked with
must be connected to safety earth
NOTES
1. Unit: inches (mm)
2. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
3. Pin Pitch Tolerance: ±0.01 (±0.25)
4. Pin Dimension Tolerance: ±0.004 (±0.1)
5. M3x0.5 screw locked torque MAX 5Kgf.cm/0.49N.m
6. All dimensions are for reference only


Similar Part No. - PSMAD100-28S-U

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
PSMA10A SUNMATE-PSMA10A Datasheet
456Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
NXP Semiconductors
PSMA10A PHILIPS-PSMA10A Datasheet
67Kb / 8P
   Transient voltage suppressor diodes
1999 Jan 26
logo
SUNMATE electronic Co.,...
PSMA11A SUNMATE-PSMA11A Datasheet
456Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
NXP Semiconductors
PSMA11A PHILIPS-PSMA11A Datasheet
67Kb / 8P
   Transient voltage suppressor diodes
1999 Jan 26
logo
SUNMATE electronic Co.,...
PSMA12A SUNMATE-PSMA12A Datasheet
456Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Similar Description - PSMAD100-28S-U

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com