Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMAD100-24S-C Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSMAD100-24S-C
Description  AC/DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMAD100-24S-C Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSMAD100-24S-C Datasheet HTML 1Page - Wall Industries,Inc. PSMAD100-24S-C Datasheet HTML 2Page - Wall Industries,Inc. PSMAD100-24S-C Datasheet HTML 3Page - Wall Industries,Inc. PSMAD100-24S-C Datasheet HTML 4Page - Wall Industries,Inc. PSMAD100-24S-C Datasheet HTML 5Page - Wall Industries,Inc. PSMAD100-24S-C Datasheet HTML 6Page - Wall Industries,Inc. PSMAD100-24S-C Datasheet HTML 7Page - Wall Industries,Inc. PSMAD100-24S-C Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Wall Industries, Inc.
Rev C
PSMAD100 SERIES
100 Watt, Medical AC/DC Power Supplies
05/22/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 8
SPECIFICATIONS: PSMAD100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Convection cooled: 100W (with derating)
-25
+80
°C
Storage Temperature Range
-40
+85
°C
Operating Altitude
5000 meters
Thermal Shock
IEC68-2-27
Vibration
IEC68-2-6
Relative Humidity
Non-condensing
5
90
% RH
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta=40°C
1,919,000 hours
MTBF
MIL-HDBK-217F, Ta=25°C, full load (G/B, controlled environment)
276,000 hours
PHYSICAL SPECIFICATIONS
Open Frame Models (Suffix “-O”)
5.50oz (156g)
U-Chassis Models (Suffix “-U”)
6.84oz (194g)
Weight
Enclosed Case Models (Suffix “-C”)
7.41oz (210g)
Open Frame Models (Suffix “-O”)
3.00 x 2.00 x 1.16 in (76.2 x 50.8 x 29.5 mm)
U-Chassis Models (Suffix “-U”)
3.60 X 2.44 X 1.54 in (91.4 x 62.0 x 39.2 mm)
Dimensions (L x W x H)
Enclosed Case Models (Suffix “-C”)
3.60 X 2.44 X 1.54 in (91.4 x 62.0 x 39.2 mm)
SAFETY & EMC
Safety Approvals
ANSI/AAMI ES60601-1, IEC60601-1, and EN60601-1 3rd edition
Conducted
Class B
EMI
Radiated
EN55011, EN 55022 and FCC Part 18
Class A
Harmonic Currents
EN61000-3-2
Full load
Class A and Class D
Voltage Flicker
EN61000-3-3
ESD
EN61000-4-2
Air±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient
EN61000-4-4
±2kV
Perf. Criteria A
Surge
EN61000-4-5
±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
30%
500ms
Perf. Criteria A
60%
100ms
Perf. Criteria A
>95%
10ms
Perf. Criteria A
EN60601-1-2
230VAC 50Hz
>95%
5000ms
Perf. Criteria B
30%
500ms
Perf. Criteria A
60%
100ms
Perf. Criteria B
>95%
10ms
Perf. Criteria A
Dip and Interruptions
EN60601-1-2
100VAC 50Hz
>95%
5000ms
Perf. Criteria B
MODEL NUMBER SETUP
PSMAD
100
-
12
S
-
O
B
Series Name
Output Power
Ouptut Voltage
Output Quantity
Package Type
Protection Type
100:
100 Watts
12:
12 VDC
S:
Single Output
O:
Open Frame
None:
Class I
15:
15 VDC
U:
U-Chassis
B:
Class II
24:
24 VDC
C:
Enclosed Case
28:
28 VDC
D:
DIN Rail (1)
36:
36 VDC
48:
48 VDC
(1) DIN Rail option is only available for enclosed case models.


Similar Part No. - PSMAD100-24S-C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
PSMA10A SUNMATE-PSMA10A Datasheet
456Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
NXP Semiconductors
PSMA10A PHILIPS-PSMA10A Datasheet
67Kb / 8P
   Transient voltage suppressor diodes
1999 Jan 26
logo
SUNMATE electronic Co.,...
PSMA11A SUNMATE-PSMA11A Datasheet
456Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
NXP Semiconductors
PSMA11A PHILIPS-PSMA11A Datasheet
67Kb / 8P
   Transient voltage suppressor diodes
1999 Jan 26
logo
SUNMATE electronic Co.,...
PSMA12A SUNMATE-PSMA12A Datasheet
456Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Similar Description - PSMAD100-24S-C

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com