Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPW150B-1Y15-U Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPW150B-1Y15-U
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW150B-1Y15-U Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPW150B-1Y15-U Datasheet HTML 1Page - Wall Industries,Inc. PSPW150B-1Y15-U Datasheet HTML 2Page - Wall Industries,Inc. PSPW150B-1Y15-U Datasheet HTML 3Page - Wall Industries,Inc. PSPW150B-1Y15-U Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wall Industries, Inc.
Rev A
PSPW150 SERIES
Up to 150 Watts, AC/DC Switching Power Supplies
07/29/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 4
MECHANICAL DRAWING
OPEN FRAME MODELS (SUFFIX “-O”)
Unit: inches (mm)
CN1: INPUT CONNECTOR
Pin No.
Function
1
AC (N)
2
AC (L)
JST B3P-VH-B pitch: 7.92mm or
equivalent, mates with JST VHR-3N
or equivalent
4X Ø0.138 (Ø3.5) mounting holes
4.00 (101.6)
3.72 (94.6)
0.14 (3.5)
CN1
1
2
3
4
5
6
CN2
0.14 (3.5)
L
N
CN2: OUTPUT CONNECTOR
Pin No.
Function
1
GND
2
GND
3
GND
4
+Vo
5
+Vo
6
+Vo
JST B6P-VH-B pitch: 3.96mm or
equivalent, mates with JST VHR-6N
or equivalent
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers
will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is
just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - PSPW150B-1Y15-U

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPW120 WALL-PSPW120 Datasheet
122Kb / 2P
   120 Watts with PFC AC/DC Open Frame Power Supply
PSPW120B-1Y12P WALL-PSPW120B-1Y12P Datasheet
122Kb / 2P
   120 Watts with PFC AC/DC Open Frame Power Supply
PSPW120B-1Y15P WALL-PSPW120B-1Y15P Datasheet
122Kb / 2P
   120 Watts with PFC AC/DC Open Frame Power Supply
PSPW120B-1Y18P WALL-PSPW120B-1Y18P Datasheet
122Kb / 2P
   120 Watts with PFC AC/DC Open Frame Power Supply
PSPW120B-1Y19P WALL-PSPW120B-1Y19P Datasheet
122Kb / 2P
   120 Watts with PFC AC/DC Open Frame Power Supply
More results

Similar Description - PSPW150B-1Y15-U

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com