Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPW250B1Y48O Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPW250B1Y48O
Description  AC/DC Switching Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW250B1Y48O Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPW250B1Y48O Datasheet HTML 1Page - Wall Industries,Inc. PSPW250B1Y48O Datasheet HTML 2Page - Wall Industries,Inc. PSPW250B1Y48O Datasheet HTML 3Page - Wall Industries,Inc. PSPW250B1Y48O Datasheet HTML 4Page - Wall Industries,Inc. PSPW250B1Y48O Datasheet HTML 5Page - Wall Industries,Inc. PSPW250B1Y48O Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. D
PSPW250 Series
250 Watts, Single Outputs
Open Frame & U-Chassis Types
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/06/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 6
SPECIFICATIONS: PSPW250 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
At 115VAC
4
Input Current (rms)
At 230VAC
2
A
At 115VAC, cold start at 25°C
50
Inrush Current
At 230VAC, cold start at 25°C
100
A peak
At 115VAC and full load
0.95
Power Factor
At 230VAC and full load
0.90
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Regulation
At 25°C including initial tolerance, line voltage, load
currents, and output voltages adjusted to factory settings
-5
+5
%
Output Current
See Table
Minimum Load
0
%
Output Power
See Table
Ripple & Noise
At 20MHz limited bandwidth and 0.1µF ceramic and
10µF electrolytic capacitors in parallel on the output
-1
+1
%
Hold-up Time
At 115VAC and full load
16
ms
Temperature Coefficient
-0.04
+0.04
%/°C
PROTECTION
Over Load Protection
Automatic recovery
110
160
%
Short Circuit Protection
Automatic recovery
Over Voltage Protection
Automatic recovery
GENERAL SPECIFICATIONS
Efficiency (typical)
At 115VAC and full load
85
%
Primary to Secondary
4242
VDC
Isolation Voltage
Primary to Frame Ground
2121
VDC
Earth Leakage Current
At 264VAC
300
µA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derate linearly 2.5% per °C from 41°C to 60°C
0
60
°C
Storage Temperature
-40
85
°C
Humidity (non-condensing)
5
95
%
MTBF
Full load and 25°C
> 100,000 hours
PHYSICAL SPECIFICATIONS
Open Frame Type (Suffix “O”)
5 x 3 x 1.28 inches (127 x 76.2 x 32.5 mm)
Dimensions (L x W x H)
U-Chassis Type (Suffix “U”)
5 x 3.2 x 1.52 inches (127 x 81 x 38.6 mm)
Open Frame Type (Suffix “O”)
0.88 lbs (400g)
Weight
U-Chassis Type (Suffix “U”)
1.11 lbs (500g)
SAFETY & EMC
Safety Standards
UL/cUL UL60950-1,2
nd Edition; CSA 22.2-No.60950-1-07; NEMKO EN60950-1:2006+A11
EMC Standards
FCC Class B; CISPR22 Class B; EN55022 Class B; CE


Similar Part No. - PSPW250B1Y48O

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPW040B-1Y05 WALL-PSPW040B-1Y05 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y12 WALL-PSPW060B-1Y12 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y15 WALL-PSPW060B-1Y15 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y19 WALL-PSPW060B-1Y19 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y24 WALL-PSPW060B-1Y24 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
More results

Similar Description - PSPW250B1Y48O

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com