Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPW250B1Y24U Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPW250B1Y24U
Description  AC/DC Switching Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW250B1Y24U Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPW250B1Y24U Datasheet HTML 1Page - Wall Industries,Inc. PSPW250B1Y24U Datasheet HTML 2Page - Wall Industries,Inc. PSPW250B1Y24U Datasheet HTML 3Page - Wall Industries,Inc. PSPW250B1Y24U Datasheet HTML 4Page - Wall Industries,Inc. PSPW250B1Y24U Datasheet HTML 5Page - Wall Industries,Inc. PSPW250B1Y24U Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/06/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 6
DATASHEET
Rev. D
PSPW250 SERIES
90~264VAC Input Voltage
200 Watts with Free Air Convection
250 Watts with 17.1CFM Forced Air
AC/DC Switching Power Supplies
FEATURES
 Single Outputs
 RoHS Compliant
 Power Factor > 0.9
 90~264VAC Input Voltage Range
 85% High Efficiency
 250W with 17.1CFM Forced Air
 200W with Convection Cooling
 High Power Density
 No Minimum Load Requirement
 Over Load, Over Voltage, and Short Circuit Protection
 Ultra Low Leakage Current < 300µA at 264VAC
 Open Frame and U-Chassis Mechanical Options Available
 UL/cUL 60950-1, 2nd Edition, CSA 22.2-No.60950-1-07,
and NEMKO EN60950-1:2006+A11 Safety Approvals
 Meets CE, FCC Class B, CISPR22 Class B, and EN55022
Class B EMC Standards
DESCRIPTION
The PSPW250 series of AC/DC switching power supplies offers 250 Watts of output power with 17.1CFM
forced air and 200 Watts with convection cooling. All models have a single output, a 90~264VAC input voltage
range, and a power factor greater than 0.9. These units are also protected against short circuit, over load, and
over voltage conditions. All models have UL/cUL 60950-1, 2
nd Edition, CSA 22.2 No.60950-1-07, and NEMKO
EN60950-1:2006+A11 safety approvals. This series is RoHS compliant and meets CE, FCC Class B, CISPR22
Class B, and EN55022 Class B EMC standards. Models are available in both open frame (Type O) and U-chassis
(Type U) designs.
Type O
Type U


Similar Part No. - PSPW250B1Y24U

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPW040B-1Y05 WALL-PSPW040B-1Y05 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y12 WALL-PSPW060B-1Y12 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y15 WALL-PSPW060B-1Y15 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y19 WALL-PSPW060B-1Y19 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y24 WALL-PSPW060B-1Y24 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
More results

Similar Description - PSPW250B1Y24U

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com