Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSRL5016E3-18 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSRL5016E3-18
Description  AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL5016E3-18 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSRL5016E3-18 Datasheet HTML 1Page - Wall Industries,Inc. PSRL5016E3-18 Datasheet HTML 2Page - Wall Industries,Inc. PSRL5016E3-18 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL5016X3 Series
Active PFC
300 Watt Single Output
AC/DC Switching Power Supply
MECHANICAL DRAWINGS
E Type (Enclosed with built-in Fan Type): 8(L) x 4(W) x 2(H) inches; Weight: 1050g
U Type (U-Chassis Type): 7(L) x 4(W) x 2(H) inches; Weight: 950g; Option: Top Cover
I/O CONNECTOR PIN ASSIGNMENT
AC Input Connector (CON1):
U Type: Mating Molex Part No. 09-91-0500 equivalent (5 pin, 3 used), or M3, 3 pins terminal block 8.25mm center.
E Type: IEC320 or equivalent Snap-in mounting type or M3.5, 6 pins Terminal block 9.5mm center.
Output Connector (CON2):
Mating Molex 14 pins (09-91-2000), or Howder (HD-121-6P) M3.5, 6 pins terminal block, 9.5MM Center.
Output Pin Assignment:
(See table at right).
Logic signal connectors (CON3):
Mating JST XHP-5 or equivalent (CHYAO SHIUNN JS-2001-05).
Mating Pins: JST SXH-002T-P0.6 for AWG 30 to 26.
Mounting Inserts:
4 Places 6-32. Max. Penetration 0.13” on bottom side and 4 places 0.25” on both sides.
Fan Drive:
Mating JST XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02).
Output Pin Connection
Howder
Molex
Vo+
Pins 1 – 3
Pins 1 – 7
Vo-
Pins 4 – 6
Pins 8 – 14


Similar Part No. - PSRL5016E3-18

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016E3-18 WALL-PSRL5016E3-18 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
More results

Similar Description - PSRL5016E3-18

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com