Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSRL5016E3-48 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSRL5016E3-48
Description  AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL5016E3-48 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSRL5016E3-48 Datasheet HTML 1Page - Wall Industries,Inc. PSRL5016E3-48 Datasheet HTML 2Page - Wall Industries,Inc. PSRL5016E3-48 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL5016X3 Series
Active PFC
300 Watt Single Output
AC/DC Switching Power Supply
SPECIFICATIONS (CONTINUED)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, de-rating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
5 ~ 50Hz, acceleration 7.35 m/(s x s) on X, Y, and Z Axis.
Cooling
U Type (U-Chassis): 22CFM forced airflow to achieve maximum power.
E Type (Enclosed with built-in fan): Self cooled by built-in fan.
Fan Drive
12VDC/400mA is available to drive an external fan.
MTBF
100,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
U Type (U-Chassis): 950g
E Type (Enclosed with built-in fan): 1050g
Dimensions
U Type (U-Chassis): 7(L) x 4(W) x 2(H) inches.
E Type (Enclosed with built-in fan): 8(L) x 4(W) x 2(H) inches.
SAFETY
Emissions
FCC part15, CISPR 22 Class B, Conducted.
Safety Regulations
Approved to UL60950-1, CSA C22.2 No. 60950-1-03, TUV EN60950-1, CE Mark (LVD) EN61000-3-2,3, &
IEC61000-4 Series Regulations and CB.
MODEL SELECTION TABLE
U-Chassis Models (U Type)
Model
Output Voltage Range
Preset Voltage
Output Current
Regulation
Ripple & Noise
PSRL5016U3-12
12 - 15 VDC
12 VDC
25A
±1%
±1%
PSRL5016U3-18
16 - 21 VDC
18 VDC
18.75A
±1%
±1%
PSRL5016U3-24
22 - 30 VDC
24 VDC
13.64A
±1%
±1%
PSRL5016U3-36
31 - 41 VDC
36 VDC
9.68A
±1%
±1%
PSRL5016U3-48
42 - 55 VDC
48 VDC
7.15A
±1%
±1%
Enclosed with Built-in Fan Models (E Type)
Model
Output Voltage Range
Preset Voltage
Output Current
Regulation
Ripple & Noise
PSRL5016E3-12
12 - 15 VDC
12 VDC
25A
±1%
±1%
PSRL5016E3-18
16 - 21 VDC
18 VDC
18.75A
±1%
±1%
PSRL5016E3-24
22 - 30 VDC
24 VDC
13.64A
±1%
±1%
PSRL5016E3-36
31 - 41 VDC
36 VDC
9.68A
±1%
±1%
PSRL5016E3-48
42 - 55 VDC
48 VDC
7.15A
±1%
±1%
NOTES
1. E Type Models (Enclosed with built-in fan): Self-cooled by built-in fan;
U Type Models (U-Chassis): 22 CFM forced airflow to achieve maximum power.
2. Providing peak current for 500uS with standard models, longer duty duration should contact manufacture.
3. All output ranges are covered in agencies certification and preset voltage will be set as standard mode if any request other than
standard output then should contact us in advance.
4. 1% minimum load is required to maintain the ripple and regulation.
5. Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output terminals with parallel 0.1µF ceramic and 22µF electrolytic
capacitors.
6. Output is fully isolated.
7. Optional Top cover available please call factory for ordering details.


Similar Part No. - PSRL5016E3-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016E3-48 WALL-PSRL5016E3-48 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
More results

Similar Description - PSRL5016E3-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com