Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

98823-1011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 98823-1011
Description  NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

98823-1011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  98823-1011 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
98823-1011
Status:
Active
Overview:
NSCC - New Standard Casing Contact
Description:
NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits,
Black
Documents:
3D Model
Application Specification AS-98816-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
98823
Application
Power, Wire-to-Wire
Comments
Pitch Center Spacing: Horizontal Pitch 3.33mm, Vertical
pitch 6.00mm
Overview
NSCC - New Standard Casing Contact
Product Name
NSCC
UPC
822348761432
Physical
Circuits (maximum)
10
Circuits Detail
10x1.5mm pins
Color - Resin
Black
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
8.000/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.33mm, 6.00mm
Polarized to Mating Part
Yes
Ports
1
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
10A
Material Info
Old Part Number
08111EV10F1
Reference - Drawing Numbers
Application Specification
AS-98816-001
Sales Drawing
SD-98823-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98823Series
Mates With
98816-1011 , 98816-1111 (Female
Receptacle Housing)
Use With
Use: Male FCI Terminals
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 98823-1011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98823-1010 MOLEX11-98823-1010 Datasheet
63Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits,
98823-1015 MOLEX11-98823-1015 Datasheet
46Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits,Green
98823-1016 MOLEX11-98823-1016 Datasheet
45Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits, Blue
98823-1018 MOLEX11-98823-1018 Datasheet
46Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits
More results

Similar Description - 98823-1011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98823-1018 MOLEX11-98823-1018 Datasheet
46Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits
98823-1010 MOLEX11-98823-1010 Datasheet
63Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits,
0988231011 MOLEX1-0988231011 Datasheet
49Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits, Black
98823-1016 MOLEX11-98823-1016 Datasheet
45Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits, Blue
98823-1015 MOLEX11-98823-1015 Datasheet
46Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits,Green
0988231018 MOLEX1-0988231018 Datasheet
40Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits Gray
0988231015 MOLEX1-0988231015 Datasheet
40Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits, Green
0988231010 MOLEX1-0988231010 Datasheet
49Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits White
0988231016 MOLEX1-0988231016 Datasheet
39Kb / 1P
   NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits Blue
98816-1118 MOLEX11-98816-1118 Datasheet
73Kb / 2P
   NSCC Single Part, Non-Sealed, 1.50mm, Female Housing, 10 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com