Electronic Components Datasheet Search |
|
ECHU1C472X5 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECHU1C472X5 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 10 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC16− Plastic Film Capacitors Stacked Metallized PPS Film Chip Capacitor Type: ECHU(X) Stacked metallized PPS film as dielectric with simple mold-less construction ■Features •Small in size (minimum size 1.6 mm ✕ 0.8 mm) •85 ˚C, 85 %RH, W.V. ✕ 1.0 for 500 hours •For reflow soldering •RoHS directive compliant ■Recommended Applications •Time-constant •Filtering •Oscillation and resonance ■Explanation of Part Numbers 123 45 67 89 10 11 12 E C H U Product code Dielectric & construction Rated voltage Capacitance X Cap. Tol. Suffix Suffix ■Specifications ■Construction ■Dimensions in mm (not to scale) ❈ Please consult us for flow soldering ❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”. 1C 16 VDC 1H 50 VDC 5 8 mm size ø180 mm 9 12 mm size ø330 mm ❈ Tape width 8 mm and diameter ø330 mm reel is prepared. Tape width Reel diameter Category temp. range (Including temperature-rise on unit surface) Rated voltage Capacitance range Capacitance tolerance Withstand voltage Dissipation factor (tan ) Insulation resistance (IR) −55 ℃ to +125 ℃ 16 VDC ,50 VDC (50 VDC: 0.12 µF or more: Derating or rated voltage by 1.25 % / ℃at more than 105 ℃) 0.00010 µF to 0.22 µF (E12) ±2 %(G), ±5 %(J) Between terminals : Rated volt. (VDC)✕150 % 60 s tan δ≦0.6 % (20 ℃, 1 kHz) 16 VDC :IR≧3000 MΩ (20 ℃, 10 VDC, 60 s) 50 VDC :IR≧3000 MΩ (20 ℃, 50 VDC, 60 s) Soldering conditions Reflow soldering : 260 ˚C max. and 95 sec max. at more than 220 ˚C (Temp. at cap. surface) saize code L WH e g K1 1.6 0.8 0.7 0.35 ≧0.4 J1 2.0 1.25 0.9 0.45 ≧0.6 J2 2.0 1.25 1.1 0.45 ≧0.6 H1 3.2 1.6 0.9 0.65 ≧1.0 H2 3.2 1.6 1.1 0.65 ≧1.0 H3 3.2 1.6 1.5 0.65 ≧1.0 G1 3.2 2.5 1.1 0.65 ≧1.0 G2 3.2 2.5 1.5 0.65 ≧1.0 G3 3.2 2.5 2.1 0.65 ≧1.0 E1 4.8 3.3 1.5 0.80 ≧2.0 E2 4.8 3.3 2.1 0.80 ≧2.0 D1 6.0 4.1 1.9 0.80 ≧2.0 D3 6.0 4.1 2.5 0.80 ≧2.0 D4 6.0 4.1 2.8 0.80 ≧2.0 G ±2 % J ±5 % p Œ ¯ ¶ ‚ P1 ‘32 12.11.14 20:49 y [ W 16 |
Similar Part No. - ECHU1C472X5 |
|
Similar Description - ECHU1C472X5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |