Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1224CV Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECHU1224CV
Description  Stacked Metallized PPS Film Chip Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1224CV Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECHU1224CV Datasheet HTML 1Page - Panasonic Semiconductor ECHU1224CV Datasheet HTML 2Page - Panasonic Semiconductor ECHU1224CV Datasheet HTML 3Page - Panasonic Semiconductor ECHU1224CV Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC19−
Plastic Film Capacitors
■ Construction
■Dimensions in mm (not to scale)
■Recommended for Land Dimensions (mm)
■Taping Specification for Automatic Mounting
Refer to the page of taping specifications.
■ Rating, Dimensions & Quantity/Reel
●Capacitance tolerance: ±2 %(G), ±5 %(J)
size
code
E1
4.8
3.3
1.4
E2
4.8
3.3
2.0
E3a
4.8
3.3
2.4
E3
4.8
3.3
2.8
D1
6.0
4.1
1.8
D2
6.0
4.1
2.0
D3
6.0
4.1
2.4
D4
6.0
4.1
2.8
D5
6.0
4.1
3.2
Z
7.1
5.0
Y
7.1
6.3
❈Refer to the column
“ Rating,Dimensions&Quantity”
LW
H
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
ECHU1103
□C9
ECHU1123
□C9
ECHU1153
□C9
ECHU1183
□C9
ECHU1223
□C9
ECHU1273
□C9
ECHU1333
□C9
ECHU1393
□C9
ECHU1473
□C9
ECHU1563
□C9
ECHU1683
□C9
ECHU1823
□C9
ECHU1104
□C9
ECHU1124
□C9
ECHU1154
□CV
ECHU1184
□CV
ECHU1224
□CV
4.8
4.8
4.8
4.8
4.8
4.8
6.0
6.0
6.0
6.0
6.0
7.1
7.1
7.1
7.1
7.1
7.1
3.3
3.3
3.3
3.3
3.3
3.3
4.1
4.1
4.1
4.1
4.1
5.0
5.0
5.0
6.3
6.3
6.3
1.4
1.4
2.0
2.0
2.4
2.8
1.8
2.0
2.4
2.8
3.2
2.8
3.0
3.4
3.4
4.0
4.8
E1
E1
E2
E2
E3a
E3
D1
D2
D3
D4
D5
Z
Z
Z
Y
Y
Y
3000
2000
3000
2000
1500
1000
Cap.(µF)
Rated volt. 100 VDC
Part No.
Dimensions (mm)
LW
H
Size
Code
Q'ty
Cap. tol. code
Size code
Land dimensions
Reflow soldering
E1,E2,E3a,E3
2.6
6.6
3.0
D1,D2,D3,D4,D5
3.8
7.8
3.8
Z
4.5
9.0
4.6
Y
4.5
9.0
5.7
AB
C
❈ It is not warrantable that you can mount the capacitor without trouble under all the mounting condition when
“Recommender for Land dimensions” is adopted.
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
19


Similar Part No. - ECHU1224CV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1224CV PANASONIC-ECHU1224CV Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1224CV PANASONIC-ECHU1224CV Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1224CV PANASONIC-ECHU1224CV Datasheet
190Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1224CV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com