Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBRBR3338S Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # EBRBR3338S
Description  Single Color 3 Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

EBRBR3338S Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  EBRBR3338S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. EBRBR3338S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. EBRBR3338S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. EBRBR3338S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. EBRBR3338S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. EBRBR3338S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. EBRBR3338S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. EBRBR3338S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. EBRBR3338S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Page 1
3338S Series
Single Color φ3 Round Shape Type
Recommended Applications
Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications
・Outer Dimension φ3 Round shape type
・Operation temperature range.
Storage Temperature
:-30℃~100℃
Operating Temperature
:-30℃~85℃
・Lead–free soldering compatible
・RoHS compliant
Dominant wavelength
Green
: 558nm (EMBG/MBG), 567nm(EMPG/MPG)
Yellow Green
: 572nm (EMPY/MPY)
Yellow
: 590nm (EMAY/MAY)
Orange
: 606nm (EMAA/MAA)
Red
: 624nm (EMVR/MVR)
647nm (EBR/BR)
630nm (MPR)
Product features
Half Intensity Angle
Die materials
EMBG/MBG,EMPG/MPG, EMPY/MPY,MPR : GaP
EMAY/MAY,EMAA/MAA,EMVR/MVR : GaAsP
EBR/BR : GaAlAs
EMBG/MBG,EMPG/MPG : 30 deg.
EMPY/MPY,EMAY/MAY,EMAA/MAA : 28 deg.
EMVR/MVR,EBR/BR : 25 deg.
MPR : 29 deg.
Features
Package
φ3 Round shape type,
EMBG/MBG,EMPG/MPG : Green Diffused epoxy
EMPY/MPY,EMAY/MAY : Yellow Diffused epoxy
EMAA/MAA : Orange Diffused epoxy
EMVR/MVR,EBR/BR,MPR : Red Diffused epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
More than 2kV(HBM)
Bulk : 200pcs(MIN.)
Sorted by luminous intensity per rank taping
2006.7.31


Similar Part No. - EBRBR3338S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
EBRBR5335S STANLEY-EBRBR5335S Datasheet
2Mb / 33P
   Single Color 5 Round Shape Type
More results

Similar Description - EBRBR3338S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
KR3308S STANLEY-KR3308S Datasheet
183Kb / 12P
   Single Color ?3 Round Shape Type
3338S STANLEY-3338S Datasheet
411Kb / 33P
   Single Color ?3 Round Shape Type
KR3302X STANLEY-KR3302X Datasheet
182Kb / 12P
   Single Color ?3 Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
VRPG3312X STANLEY-VRPG3312X Datasheet
1Mb / 18P
   Bi-color 3 Round Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com