Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA3APB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERA3APB
Description  Metal Film (Thin Film) Chip Resistors, High Reliability Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA3APB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERA3APB Datasheet HTML 1Page - Panasonic Semiconductor ERA3APB Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film (Thin Film) Chip Resistors, High Reliability Type
E
1
R
2
A
3
3
4
A
5
E
6
B
7
1
8
0
9
2
10
V
11
Inch
0201
0402
0603
0805
1206
Metal Film
Chip Resistors
Product Code
Size, Power Rating
Code
Power Rating
0.05 W
0.063 W
0.1 W
0.125 W
0.25 W
Temperature Coefficient
Code
R
P
E
H
K
±10
×10–6/°C
±15
×10–6/°C
±25
×10–6/°C
±50
×10–6/°C
±100
×10–6/°C
Resistance Tolerance
Code
W
B
C
D
Tolerance
±0.05 %
±0.1 %
±0.25 %
±0.5 %
Resistance Value
Consist of three figures for E24 series resistance value.
The first two digits are significant figures of resistance
and the third one denotes number of zeros following.
(example) 102 : 1 k
Ω
Packaging Methods
Code
C
X
V
Packaging
Part No.
T.C.R.
1A
2A
3A
6A
8A
Punched Carrier Taping
2 mm pitch, 10000 pcs.
Punched CarrierTaping
4 mm pitch, 5000 pcs.
ERA2A
Pressed Carrier Taping
2 mm pitch, 15000 pcs.
ERA1A
ERA3A
ERA6A
ERA8A
E
1
R
2
A
3
3
4
A
5
E
6
B
7
1
8
0
9
1
11
V
12
Metal Film
Chip Resistors
Product Code
Size, Power Rating
Code
Power Rating
0.05 W
0.063 W
0.1 W
0.125 W
0.25 W
Temperature Coefficient
Code
R
P
E
H
K
±10
×10–6/°C
±15
×10–6/°C
±25
×10–6/°C
±50
×10–6/°C
±100
×10–6/°C
Resistance Tolerance
Code
W
B
C
D
Tolerance
±0.05 %
±0.1 %
±0.25 %
±0.5 %
Resistance Value
Consist of four figures for E96 series resistance value.
The first three digits are significant figures of resistance
and the fourth one denotes number of zeros following.
(example) 1051 : 1.05 k
Ω
T.C.R.
1A
2A
3A
6A
8A
5
10
Packaging Methods
Code
C
X
V
Packaging
Part No.
Punched Carrier Taping
2 mm pitch, 10000 pcs.
Punched CarrierTaping
4 mm pitch, 5000 pcs.
ERA2A
Pressed Carrier Taping
2 mm pitch, 15000 pcs.
ERA1A
ERA3A
ERA6A
ERA8A
Inch
0201
0402
0603
0805
1206
Metal Film (Thin Film) Chip Resistors,
High Reliability Type
Type: ERA 1A, 2A, 3A, 6A, 8A
Explanation of Part Numbers
Features
High reliability ................ Stable at high temperature and humidity
(85 °C 85 %RH rated load, Category temperature range : –55 to +155 °C)
High accuracy ............... Small resistance tolerance and Temperature Coefficient of Resistance
High performance ......... Low current noise, excellent linearity
Reference Standard ...... IEC 60115-8, JIS C 5201-8, EIAJ RC-2133B
AEC-Q200 qualified
RoHS compliant
■ As for Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions,
Please see Data Files
E24 Series
E96 Series and other Resistance values
note : Duplicated resistance values as E24 series part
numbers shall follow E24 part numbers.
(apply three digit resistance value)
Sep. 2014
07


Similar Part No. - ERA3APB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA3APB PANASONIC-ERA3APB Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA3APB PANASONIC-ERA3APB Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA3APB PANASONIC-ERA3APB Datasheet
77Kb / 2P
   Metal Film Thin Film Chip Resistors High Reliability Type
ERA3APB PANASONIC-ERA3APB Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA3APB PANASONIC-ERA3APB Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
More results

Similar Description - ERA3APB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-3AEB304V PANASONIC-ERA-3AEB304V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB153V PANASONIC-ERA-3AEB153V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AEB103X PANASONIC-ERA-2AEB103X Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AED102X PANASONIC-ERA-2AED102X Datasheet
77Kb / 2P
   Metal Film Thin Film Chip Resistors High Reliability Type
ERA-3AEB3921V PANASONIC-ERA-3AEB3921V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-8AEB2491V PANASONIC-ERA-8AEB2491V Datasheet
77Kb / 2P
   Metal Film Thin Film Chip Resistors High Reliability Type
ERA-6ARB113V PANASONIC-ERA-6ARB113V Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB9761V PANASONIC-ERA-3AEB9761V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB433V PANASONIC-ERA-3AEB433V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA PANASONIC-ERA Datasheet
537Kb / 7P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
1-Jul-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com