Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4938B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HEF4938B
Description  Dual precision monostable multivibrator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4938B Datasheet(HTML) 1 Page - NXP Semiconductors

  HEF4938B Datasheet HTML 1Page - NXP Semiconductors HEF4938B Datasheet HTML 2Page - NXP Semiconductors HEF4938B Datasheet HTML 3Page - NXP Semiconductors HEF4938B Datasheet HTML 4Page - NXP Semiconductors HEF4938B Datasheet HTML 5Page - NXP Semiconductors HEF4938B Datasheet HTML 6Page - NXP Semiconductors HEF4938B Datasheet HTML 7Page - NXP Semiconductors HEF4938B Datasheet HTML 8Page - NXP Semiconductors HEF4938B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The HEF4938B is a dual retriggerable-resettable monostable multivibrator. Each
multivibrator has an active LOW trigger/retrigger input (nA), an active HIGH
trigger/retrigger input (nB), an overriding active LOW direct reset input (nCD), an output
(nQ) and its complement (nQ), and two pins (CEXT, always connected to ground, and
nREXT/CEXT) for connecting the external timing components CEXT and REXT. The typical
pulse width variation over the specified temperature range is
0.2 %.
The multivibrator may be triggered by either the positive or the negative edges of the input
pulse and will produce an accurate output pulse with a pulse width range of 10
s to
infinity. The duration and accuracy of the output pulse are determined by the external
timing components CEXT and REXT. The output pulse width (tW) is equal to REXT  CEXT.
The linear design techniques in LOCMOS (Local Oxide CMOS) guarantee precise control
of the output pulse width. A LOW level at nCD terminates the output pulse immediately.
The trigger inputs’ Schmitt trigger action makes the circuit highly tolerant of slower rise
and fall times.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS
(usually ground). Unused inputs must be connected to VDD, VSS, or another input.
2.
Features and benefits
Separate reset inputs
Triggering from leading or trailing edge
Tolerant of slow trigger rise and fall times
Fully static operation
5 V, 10 V, and 15 V parametric ratings
Standardized symmetrical output characteristics
Specified from
40 C to +85 C
Complies with JEDEC standard JESD 13-B
3.
Ordering information
HEF4938B
Dual precision monostable multivibrator
Rev. 6 — 15 November 2011
Product data sheet
Table 1.
Ordering information
All types operate from
40 C to +85 C.
Type number
Package
Name
Description
Version
HEF4938BP
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
HEF4938BT
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1


Similar Part No. - HEF4938B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
More results

Similar Description - HEF4938B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEC4538BT-T NXP-HEC4538BT-T Datasheet
130Kb / 18P
   Dual precision monostable multivibrator
Rev. 8-16 November 2011
logo
Nexperia B.V. All right...
HEF4538B-Q100 NEXPERIA-HEF4538B-Q100 Datasheet
235Kb / 14P
   Dual precision monostable multivibrator
HEF4538B NEXPERIA-HEF4538B Datasheet
246Kb / 14P
   Dual precision monostable multivibrator
Rev. 12 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com