Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6004ECB Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6004ECB
Description  Drives two N-Channel MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004ECB Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6004ECB Datasheet HTML 1Page - Intersil Corporation HIP6004ECB Datasheet HTML 2Page - Intersil Corporation HIP6004ECB Datasheet HTML 3Page - Intersil Corporation HIP6004ECB Datasheet HTML 4Page - Intersil Corporation HIP6004ECB Datasheet HTML 5Page - Intersil Corporation HIP6004ECB Datasheet HTML 6Page - Intersil Corporation HIP6004ECB Datasheet HTML 7Page - Intersil Corporation HIP6004ECB Datasheet HTML 8Page - Intersil Corporation HIP6004ECB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V
Boot voltage, VBOOT - VPHASE . . . . . . . . . . . . . . . . . . . . . . . . .+15V
Input, output or I/O voltage . . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Supply voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +12V ±10%
Ambient temperature range . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
65
TSSOP package . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum storage temperature range . . . . . . . . . . . -65oC to 150oC
Maximum lead temperature (soldering 10s) . . . . . . . . . . . . . 300oC
(lead tips only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended operating conditions, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal supply
ICC
UGATE and LGATE open
-
5
-
mA
POWER-ON RESET
Rising VCC threshold
VOCSET = 4.5V
-
-
10.4
V
Falling VCC threshold
VOCSET = 4.5V
8.2
-
-
V
Rising VOCSET threshold
-1.26-
V
OSCILLATOR
Free running frequency
RT = open
185
200
215
kHz
Total variation
6k
Ω < RT to GND < 200kΩ
-15
-
+15
%
Ramp amplitude
∆V
OSC
RT = open
-
1.9
-
VP-P
REFERENCE AND DAC
DAC (VID0-VID4) input low voltage
--
0.8V
DAC (VID0-VID4) input high voltage
2.0
-
-
V
DACOUT voltage accuracy
-1.0
-
+1.0
%
ERROR AMPLIFIER
DC gain
-88-
dB
Gain-bandwidth product
GBWP
-
15
-
MHz
Slew rate
SR
COMP = 10pF
-
6
-
V/
µs
GATE DRIVERS
Upper gate source
IUGATE
VBOOT - VPHASE = 12V, VUGATE = 6V
350
500
-
mA
Upper gate sink
RUGATE
ILGATE = 0.3A
-
5.5
10
Lower gate source
ILGATE
VCC = 12V, VLGATE = 6V
300
450
-
mA
Lower gate sink
RLGATE
ILGATE = 0.3A
-
3.5
6.5
PROTECTION
Overvoltage trip (VSEN/DACOUT)
-
115
120
%
OCSET current source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
OVP sourcing current
IOVP
VSEN = 5.5V, VOVP = 0V
60
-
-
mA
Soft start current
ISS
-10-
µA
POWER GOOD
Upper threshold (VSEN/DACOUT)
VSEN rising
106
-
111
%
Lower threshold (VSEN/DACOUT)
VSEN falling
89
-
94
%
Hysteresis (VSEN/DACOUT)
Upper and lower threshold
-
2
-
%
PGOOD voltage low
VPGOOD
IPGOOD = -5mA
-
0.3
-
V
HIP6004E


Similar Part No. - HIP6004ECB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004ECB INTERSIL-HIP6004ECB Datasheet
317Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004ECB INTERSIL-HIP6004ECB Datasheet
499Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004ECB INTERSIL-HIP6004ECB Datasheet
502Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
HIP6004ECBZ INTERSIL-HIP6004ECBZ Datasheet
499Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004ECBZ INTERSIL-HIP6004ECBZ Datasheet
502Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
More results

Similar Description - HIP6004ECB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601BCB-T INTERSIL-HIP6601BCB-T Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
HIP2100IRZT INTERSIL-HIP2100IRZT Datasheet
392Kb / 12P
   Drives N-Channel MOSFET Half Bridge
logo
Hi-Sincerity Mocroelect...
HSK2474J HSMC-HSK2474J Datasheet
51Kb / 5P
   N-Channel MOSFETs
HSK2474I HSMC-HSK2474I Datasheet
51Kb / 5P
   N-Channel MOSFETs
HIRF630 HSMC-HIRF630 Datasheet
53Kb / 5P
   N-Channel MOSFETs
logo
Texas Instruments
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
logo
International Rectifier
IRF6723M2DPBF IRF-IRF6723M2DPBF_15 Datasheet
271Kb / 10P
   Replaces Two Discrete MOSFETs
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com