Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1541CDD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1541CDD
Description  Micropower Op Amp, Comparator and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541CDD Datasheet(HTML) 1 Page - Linear Technology

  LTC1541CDD Datasheet HTML 1Page - Linear Technology LTC1541CDD Datasheet HTML 2Page - Linear Technology LTC1541CDD Datasheet HTML 3Page - Linear Technology LTC1541CDD Datasheet HTML 4Page - Linear Technology LTC1541CDD Datasheet HTML 5Page - Linear Technology LTC1541CDD Datasheet HTML 6Page - Linear Technology LTC1541CDD Datasheet HTML 7Page - Linear Technology LTC1541CDD Datasheet HTML 8Page - Linear Technology LTC1541CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1541/LTC1542
15412fd
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Micropower Op Amp,
Comparator and Reference
Daisy-Chained Control Outputs
The LTC
®1541/LTC1542 combine a micropower ampli-
fier, comparator and bandgap reference (LTC1541) in an
8-pin package. The part operates from a single 2.5V to
12.6V or dual
±1.25Vto±6.3Vsupplywithatypicalsupply
current of 5
µA. Both the op amp and comparator feature
a common mode input voltage range that extends from the
negative supply to within 1.3V of the positive supply. The
op amp output stage swings from rail-to-rail. The
comparator’s inverting input is internally connected to the
reference output (LTC1541).
The reference output voltage is 1.2V
±1% over the
extended temperature range. The output can drive a
bypass capacitor of up to 0.01
µF without any oscillations.
It can also source up to 2mA and sink up to 20
µA.
The op amp is internally compensated to be unity-gain
stable with typical GBW at 12kHz and slew rate of 8V/ms.
The comparator has
±2.25mV of internal hysteresis to
ensure clean output switching, even with slow moving
input signals.
The LTC1541/LTC1542 are available in MSOP and SO-8
packages. For space-limited applications, the LTC1541/
LTC1542 are available in a 3mm x 3mm low profile
(0.8mm) dual fine-pitch leadless package (DFN).
Quiescent Current: 5
µA Typ
Outputs Swing Rail-to-Rail
Low Op Amp Offset Voltage: 700
µV Max
Reference Output Drives 0.01
µF Capacitor
Internal 1.2V
±0.4% Reference Output (LTC1541)
Low Input Bias Current: 1nA Max
Reference Output Can Source Up to 2mA
Internal
±2.25mV Comparator Hysteresis
Comparator and Op Amp Input Range
Includes Ground
Op Amp Capable of Driving Up to 1000pF Load
Unity-Gain Stable and 12kHz Bandwidth
2.5V to 12.6V Supply Voltage Range
Pin Compatible Upgrade for MAX951/MAX953
Available in 3mm x 3mm x 0.8mm DFN Package
Battery- or Solar-Powered Systems
Automotive Keyless Entry
Low Frequency, Local Area Alarms/Detectors
Infrared Receivers for Remote Controls
Smoke Detectors and Safety Sensors
GSM Portable Phones
Op Amp VOS Distribution,
VCM = 2.5V, SO-8 Package
Total of 839 Units
INPUT OFFSET VOLTAGE (
µV)
–600
600
–300
0
300
50
40
30
20
10
0
VCC = 5V
VSS = 0V
1541/42 TA02
+
1
2
3
7
8
2N3904
SCR LOAD
5
2M
6
2.2
µF
1N457
LOW BATTERY
OUTPUT HIGH = “ON”
OUTPUT LOW = “OFF”
1.2V INTERNAL
REFERENCE
1541/42 • TA01
+
10k
VN2222
2M
1M
100k
10M
1k
–+
1/2 LTC1541
1/2 LTC1541
10k
ICC = 7µA AT VIN = 5V
TYPE R
1N457
VIN = 3.6V TO 9V
Pilot Light Flame Detector with Low-Battery Lockout
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1541CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1541CMS8 LINER-LTC1541CMS8 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CS8 LINER-LTC1541CS8 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
More results

Similar Description - LTC1541CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635 LINER-LT1635_15 Datasheet
241Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
logo
Touchstone Semiconducto...
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com