Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1541 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1541
Description  Micropower Op Amp, Comparator and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1541 Datasheet HTML 3Page - Linear Technology LTC1541 Datasheet HTML 4Page - Linear Technology LTC1541 Datasheet HTML 5Page - Linear Technology LTC1541 Datasheet HTML 6Page - Linear Technology LTC1541 Datasheet HTML 7Page - Linear Technology LTC1541 Datasheet HTML 8Page - Linear Technology LTC1541 Datasheet HTML 9Page - Linear Technology LTC1541 Datasheet HTML 10Page - Linear Technology LTC1541 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1541/LTC1542
15412fd
TYPICAL PERFOR A CE CHARACTERISTICS
Comparator Short-Circuit Current
vs Supply Voltage
Op Amp Small-Signal Transient
Response
SUPPLY VOLTAGE (V)
23456789
10 11 12
1541/42 TPC10
250
200
150
100
50
0
–50
–100
–150
–200
–250
SHORT TO VSS
SHORT TO VCC
NONINVERTING
1541/42 TPC11
AVCL = 1V/V
LOAD = 100k
Ω//100pF TO VSS
VSUPPLY = 5V
INPUT
200mV/DIV
OUTPUT
100mV/DIV
Op Amp Large-Signal Transient
Response
NONINVERTING
1541/42 TPC11
AVCL = 1V/V
LOAD = 100k
Ω//100pF TO VSS
VSUPPLY = 5V
INPUT
2V/DIV
OUTPUT
1V/DIV
SUPPLY VOLTAGE (V)
23456789
10 11 12
1541/42 TPC07
10
8
6
4
2
0
–2
–4
–6
–8
–10
NONINVERTING
VSS = GND
AMPIN+ = VCC /2
SHORT TO VSS
SHORT TO VCC
23456789
10 11 12
SUPPLY VOLTAGE (V)
10,000
1000
100
10
1
0.1
1541/42 TPC08
RLOAD = 100kΩ
LOAD CURRENT (mA)
5
4
3
2
1
0
0.01
1
10
1000
1541/42 TPC09
0.1
100
VCC = 5V
VSS = GND
SOURCING
CURRENT
SINKING
CURRENT
Op Amp Short-Circuit Current vs
Supply Voltage
Op Amp DC Open-Loop Gain vs
Supply Voltage
Comparator Output Voltage vs
Load Current
Op Amp Output Voltage vs
Load Current
LOAD CURRENT (
µA)
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
1
100
1000
10000
1541/42 TPC06
10
VSUPPLY = ±1.5V
VSUPPLY = ±1.5V
VSUPPLY
=
±2.5V
VSUPPLY
=
±2.5V
SOURCING
CURRENT
SINKING
CURRENT
–50
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
1x106
1x105
1x104
1x103
1x102
1x101
1541/42 TPC05
VCC = 5V
VSS = GND
RLOAD = 100kΩ
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1541/42 TPC04
1.202
1.201
1.200
1.199
1.198
1.197
1.196
1.195
VCC = 5V
VSS = GND
Reference Output Voltage vs
Temperature
Op Amp DC Open-Loop Gain vs
Temperature


Similar Part No. - LTC1541

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1541 LINER-LTC1541 Datasheet
233Kb / 14P
   Ultralow Power Quad
LTC1541 LINER-LTC1541 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CMS8 LINER-LTC1541CMS8 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
More results

Similar Description - LTC1541

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635 LINER-LT1635_15 Datasheet
241Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
logo
Touchstone Semiconducto...
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com