Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1011B230 Datasheet(PDF) 1 Page - Littelfuse

Part # SL1011B230
Description  SL1011B Series Gas Plasma Arrester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011B230 Datasheet(HTML) 1 Page - Littelfuse

  SL1011B230 Datasheet HTML 1Page - Littelfuse SL1011B230 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
29
©2008 Littelfuse, Inc.
Revised: December 15, 2008
Gas Plasma Arrester (GDT) Products
Surface Mount Surge Arresters > SL1011B Series
SL1011B Series
Specifications are subject to change without notice.
Refer to www.littelfuse.com/series/SL1002B.html for current information.
Description
The SL1011B Series provides high levels of protection
against fast rising transients in the 100V/μs to 1kV/μs range
usually caused by lightning disturbances.
The SL1011B series also features ultra low capacitance
(typically 1pF or less) making them ideal for the protection
of high-speed transmission equipment. These devices are
extremely robust and are able to divert a 10,000A pulse
without destruction.
Features
rising transients.
tested with 8/20μs pulse as
capability tested with
8/20μs pulse as defined by
Applications
equipment.
equipment.
SL1011B Series Gas Plasma Arrester
RoHS
Pb
2 Electrode GDT Graphical Symbol
Agency Approvals
AGENCY
AGENCY FILE NUMBER
®
E128662
®
Electrical Characteristics
Part
Number*
DC Breakover
Voltage @100 V/s
Volts (V
BR)
MAX
Dynamic
Breakover
Voltage
@100 V/μs1
Volts (V
BR)
AC
Discharge
Current2
Volts
Max
Repetitive
Impulse
Current3
kAmps
Max Single Impulse
Current
Leakage
Current
nAmps
Holdover
Voltage
Volts
MIN
NOM
MAX
8/20 μs
kAmps
10/350 μs
kAmps
10
10
20
72
108
10
10
20
10
10
20
120
180
10
10
20
SL1011B230
230
10
10
20
100
200
300
10
10
20
100
210
310
10
10
20
100
280
800
10
10
20
100


Similar Part No. - SL1011B230

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1011B230 LITTELFUSE-SL1011B230 Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1011B230 LITTELFUSE-SL1011B230 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B230 LITTELFUSE-SL1011B230 Datasheet
156Kb / 2P
   Surface Mount Surge Arresters SL1011B Series
SL1011B230 LITTELFUSE-SL1011B230 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

Similar Description - SL1011B230

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
LT230 LITTELFUSE-LT230 Datasheet
110Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
VS230 LITTELFUSE-VS230 Datasheet
81Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com