Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFUE0J181XE Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEFUE0J181XE
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFUE0J181XE Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEFUE0J181XE Datasheet HTML 1Page - Panasonic Semiconductor EEFUE0J181XE Datasheet HTML 2Page - Panasonic Semiconductor EEFUE0J181XE Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-16 –
Standard Products
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(μF)
Case Size
Specification
Part number
Reflow condition
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m
Ω max.)
240 °C
✽3
260 °C
✽3
UD
6.3
100
7.3
4.3
2.8
3.0
15
EEFUD0J101ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0J101XE
2000
120
7.3
4.3
2.8
3.0
15
EEFUD0J121ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0J121XE
2000
7.3
4.3
2.8
3.4
9
EEFUD0J121LR
2000
150
7.3
4.3
2.8
2.5
18
EEFUD0J151ER
2000
7.3
4.3
2.8
3.4
9
EEFUD0J151LR
2000
8
68
7.3
4.3
2.8
3.0
15
EEFUD0K680ER
2000
100
7.3
4.3
2.8
2.5
18
EEFUD0K101ER
2000
UE
2
270
7.3
4.3
4.2
3.3
12
EEFUE0D271ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0D271XE
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0D331ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0D331XE
2000
390
7.3
4.3
4.2
3.3
12
EEFUE0D391ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0D391XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0D391LE
2000
470
7.3
4.3
4.2
3.3
12
EEFUE0D471ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0D471XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0D471LE
2000
560
7.3
4.3
4.2
3.3
12
EEFUE0D561ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0D561LE
2000
2.5
220
7.3
4.3
4.2
3.3
12
EEFUE0E221ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0E221XE
2000
270
7.3
4.3
4.2
3.3
12
EEFUE0E271ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0E271XE
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0E331ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0E331XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0E331LE
2000
390
7.3
4.3
4.2
3.3
12
EEFUE0E391ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0E391LE
2000
470
7.3
4.3
4.2
3.3
12
EEFUE0E471ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0E471LE
2000
4
180
7.3
4.3
4.2
3.3
12
EEFUE0G181ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0G181XE
2000
220
7.3
4.3
4.2
3.3
12
EEFUE0G221ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0G221XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0G221LE
2000
270
7.3
4.3
4.2
3.3
12
EEFUE0G271ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0G271LE
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0G331ER
2000
6.3
150
7.3
4.3
4.2
3.3
12
EEFUE0J151ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0J151XE
2000
180
7.3
4.3
4.2
3.3
12
EEFUE0J181ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0J181XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0J181LR
2000
220
7.3
4.3
4.2
3.0
15
EEFUE0J221ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0J221LR
2000
8
100
7.3
4.3
4.2
3.3
12
EEFUE0K101ER
2000
150
7.3
4.3
4.2
3.0
15
EEFUE0K151ER
2000
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mouting Specifications”.
○ : available, — : not available
01 Aug. 2014


Similar Part No. - EEFUE0J181XE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFUE0J181XE PANASONIC-EEFUE0J181XE Datasheet
90Kb / 3P
   Surface Mount Type
EEFUE0J181XE PANASONIC-EEFUE0J181XE Datasheet
97Kb / 3P
   SP-Cap Conductive Poiymer Aluminurm Capacitors Specialty Polymer Aluminu Capacitors
EEFUE0J181XE PANASONIC-EEFUE0J181XE Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFUE0J181XE PANASONIC-EEFUE0J181XE Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFUE0J181XE PANASONIC-EEFUE0J181XE Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFUE0J181XE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com