Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAE-1500-12 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # PSAE-1500-12
Description  AC/DC Switching Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAE-1500-12 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  PSAE-1500-12 Datasheet HTML 1Page - Wall Industries,Inc. PSAE-1500-12 Datasheet HTML 2Page - Wall Industries,Inc. PSAE-1500-12 Datasheet HTML 3Page - Wall Industries,Inc. PSAE-1500-12 Datasheet HTML 4Page - Wall Industries,Inc. PSAE-1500-12 Datasheet HTML 5Page - Wall Industries,Inc. PSAE-1500-12 Datasheet HTML 6Page - Wall Industries,Inc. PSAE-1500-12 Datasheet HTML 7Page - Wall Industries,Inc. PSAE-1500-12 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Wall Industries, Inc.
Rev B
PSAE1500 SERIES
1500 Watts, AC/DC Switching Power Supplies
10/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 8
INSTALLATION INSTRUCTIONS
1. Mounting Directions
1-1 Recommended Standard Mounting Methods
(a)
(b)
(c)
4-M4
L=4mm max.
+
4-M4
L=4mm max.
4-M4
L=4mm max.
2. Mounting Method
2-1 There are ventilating holes on the front and back side panels. Do not obstruct; allow at least 50mm for airflow
2-2 The maximum allowable penetration for the screw is 4mm. Incomplete threading should not be penetrated.
2-3 Recommended torque of mounting screw: M4 screw: 1.27N • m (13.0kgf • cm)
Airflow
More than 50mm
FAN
FAN
More than 50mm


Similar Part No. - PSAE-1500-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAE-800-12 WALL-PSAE-800-12 Datasheet
469Kb / 8P
   AC/DC Switching Power Supplies
PSAE-800-15 WALL-PSAE-800-15 Datasheet
469Kb / 8P
   AC/DC Switching Power Supplies
PSAE-800-24 WALL-PSAE-800-24 Datasheet
469Kb / 8P
   AC/DC Switching Power Supplies
PSAE-800-30 WALL-PSAE-800-30 Datasheet
469Kb / 8P
   AC/DC Switching Power Supplies
PSAE-800-36 WALL-PSAE-800-36 Datasheet
469Kb / 8P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAE-1500-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com