Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAEK-3000-150 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAEK-3000-150
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAEK-3000-150 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAEK-3000-150 Datasheet HTML 1Page - Wall Industries,Inc. PSAEK-3000-150 Datasheet HTML 2Page - Wall Industries,Inc. PSAEK-3000-150 Datasheet HTML 3Page - Wall Industries,Inc. PSAEK-3000-150 Datasheet HTML 4Page - Wall Industries,Inc. PSAEK-3000-150 Datasheet HTML 5Page - Wall Industries,Inc. PSAEK-3000-150 Datasheet HTML 6Page - Wall Industries,Inc. PSAEK-3000-150 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wall Industries, Inc.
Rev A
PSAEK3000HV SERIES
3000 Watts, AC/DC Switching Power Supplies
06/19/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
SPECIFICATIONS: PSAEK3000HV SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
Input Voltage (See Note 2)
DC input voltage range
127
370
VDC
Input Frequency
47
63
Hz
At 115VAC (2000W)
19.7
AC Current
At 230VAC (3000W)
14.5
A
At 115VAC and cold start
33
Inrush Current
At 230VAC and cold start
65
A
At 115VAC and full load
0.98
Power Factor
At 230VAC and full load
0.95
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
Includes set-up tolerance, line regulation, and load regulation
-2.0
+2.0
%
Voltage Adjustability
Typical adjustment by potentiometer (VR1)
-5.0
+5.0
%
Line Regulation
Low Line to High Line
-1.0
+1.0
%
Load Regulation
0% to 100% full load
-1.0
+1.0
%
Output Power
See Table
Output Current
See Table
Ripple & Noise (20MHz BW)
Measured with 0.1µF and 47µF capacitors in parallel
1500
mVp-p
Hold-up Time
At 230VAC and full load
14
ms
Setup Time
full load
800
ms
Rise Time
full load
50
ms
Temperature Coefficient
0~50°C
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection (see page 4)
Protection type: latch-style. Recovery after reset AC power ON or inhibit
Variable OVP, 120%±7% Vout
Over Load Protection
Protection type: constant current limit
105% rated output power
Over Temperature Protection
Protection type: auto-recovery after temperature goes down
85°C±5°C detect on heatsink of pri. & sec. side
GENERAL SPECIFICATIONS
Efficiency
93
%
Input to Output
3000VAC (4242VDC)
Input to FG
1500VAC (2121VDC)
Isolation Voltage
Output to FG
Test is done without enclosure
500VAC (707VDC)
Input to Output 500VDC
100
Input to FG
500VDC
100
Isolation Resistance
Output to FG
500VDC
100
Leakage Current
At 240VAC
1.0
mA
FUNCTIONS
Auxiliary Power
Selectable +5V/0.5A or +9V/0.3A aux. output
Remote ON/OFF Control (see page 5)
Isolated from output
By external switch
Power OK Signal
Sink Current: 20mA max.; Drain Voltage: 40V max.
Open drain signal low when PSU turns on
Output Voltage Trim
0
105
%Vo
Output Current Trim
0
105
%Io
Parallel Operation (Current Sharing)
See page 5
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
See derating curve
-20
+60
°C
Storage Temperature
-40
+85
°C
Operating Humidity
Non-condensing
20
90
% RH
Storage Humidity
10
95
% RH
Cooling
Load and temperature control fan
Vibration
10~500Hz, 5G 10 min./1 cycle, period for 60 min. each along X, Y, Z axes. Certified IEC60068-2-6, IEC60068-2-64
PHYSICAL SPECIFICATIONS
Weight
8.38 lbs (3.8kg)
Dimensions (W x H x D)
11.024 x 6.693 x 2.500 inches (280.00 x 170.00 x 63.50 mm)
SAFETY & EMC (See Note 4)
Safety Approvals
UL60950-1; EN60950-1
EMI (Conduction & Radiation)
EN55022, EN61204-3, EN61000-6-3
Harmonic & Flicker
EN61000-3-2; EN61000-3-3
EMS Immunity
EN55024; EN61204-3; EN61000-6-1; IEC61000-4-2, 3, 4, 5, 6, 8, 11


Similar Part No. - PSAEK-3000-150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAEK-3000-15 WALL-PSAEK-3000-15 Datasheet
646Kb / 8P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAEK-3000-150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com