Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAK-1500-12 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSAK-1500-12
Description  AC/DC Switching Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAK-1500-12 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSAK-1500-12 Datasheet HTML 1Page - Wall Industries,Inc. PSAK-1500-12 Datasheet HTML 2Page - Wall Industries,Inc. PSAK-1500-12 Datasheet HTML 3Page - Wall Industries,Inc. PSAK-1500-12 Datasheet HTML 4Page - Wall Industries,Inc. PSAK-1500-12 Datasheet HTML 5Page - Wall Industries,Inc. PSAK-1500-12 Datasheet HTML 6Page - Wall Industries,Inc. PSAK-1500-12 Datasheet HTML 7Page - Wall Industries,Inc. PSAK-1500-12 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. A
PSAK1500 Series
1500 Watts
Single Output, Active PFC
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/20/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 8
LED STATUS
Intermittent Blink
Interlace Blink
Slow Blink
Solid
Fast Blink
Slow Blink
Solid
Green LED
LED Signal
Status
Red LED
LED Signal
Status
Power OK
Power Standby
Over Voltage Protection ( OVP )
Over Load Protection ( OLP )
Output Shorted Circuit Protection ( SCP )
Under Voltage Protection ( UVP )
Over Temperature Protection ( OTP )
Fan Failure
Power Failure
MECHANICAL DRAWING
Unit: mm [inches]
Airflow
direction
1
2
3
10 9 8 7 6 5 4 3 2 1
AC Input Terminal Pin Number Assignment
Control Pin Number Assignment
Pin No.
Assignment
Pin No.
Assignment
Description
1
AC(L)
1
VS+
Remote voltage sense (+)
2
AC(N)
2
VO+
Local output voltage sense (+)
3
3
AUX
+5V / 0.5A Auxiliary power
4
EN+
Inhibit ON/OFF (+)
5
EN-
Inhibit ON/OFF (-)
6
GND
Ground
7
P.OK
Power OK
8
VCI
V Program
9
ACI
I Program
10
PAR
Parallel operation current share


Similar Part No. - PSAK-1500-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAK-100-12 WALL-PSAK-100-12 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-13.5 WALL-PSAK-100-13.5 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-15 WALL-PSAK-100-15 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-24 WALL-PSAK-100-24 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-27 WALL-PSAK-100-27 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
More results

Similar Description - PSAK-1500-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com