Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSALF240-24S Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSALF240-24S
Description  AC/DC LED Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSALF240-24S Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSALF240-24S Datasheet HTML 1Page - Wall Industries,Inc. PSALF240-24S Datasheet HTML 2Page - Wall Industries,Inc. PSALF240-24S Datasheet HTML 3Page - Wall Industries,Inc. PSALF240-24S Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. B
PSALF240 Series
Built-in Active PFC Function
Up to 240 Watts, Single Outputs
AC/DC LED Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/13/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Model Number
Input Voltage
Output Voltage
Constant Current
Range
Output
Current
Current
Adjustment Range
Output
Power
Efficiency
PSALF240-12S
12 VDC
6 ~ 12 VDC
16A
8 ~ 16 A
192W
90%
PSALF240-24S
24 VDC
12 ~ 24 VDC
10A
5 ~ 10 A
240W
90%
PSALF240-28S
28 VDC
14 ~ 28 VDC
8.57A
4.28 ~ 8.57 A
240W
90%
PSALF240-36S
36 VDC
18 ~ 36 VDC
6.66A
3.33 ~ 6.66 A
240W
92%
PSALF240-48S
90~264 VAC
or
120~370 VDC
48 VDC
24 ~ 48 VDC
5A
2.5 ~ 5 A
240W
93%
BLOCK DIAGRAM
ISOLATION
ISOLATION
O.C.P.
DETECTION
CIRCUIT
O.V.P.
L
N
+Vo
-Vo
Vout Adj.
DC ON (LED)
Io Adj.
CHARACTERISTICS
-25
0
20
40 50 60 70 80
100
50%
100
80
60
40
20
0
Ambient Temperature (°C)
POWER DERATING CURVE
90
100
110
135
155
230
264
100
80
60
40
20
0
Input Voltage (VAC)


Similar Part No. - PSALF240-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSALC WALL-PSALC Datasheet
508Kb / 4P
   AC/DC Switching Power Supplies
PSALC-12S WALL-PSALC-12S Datasheet
508Kb / 4P
   AC/DC Switching Power Supplies
PSALC-14S WALL-PSALC-14S Datasheet
508Kb / 4P
   AC/DC Switching Power Supplies
PSALC-15S WALL-PSALC-15S Datasheet
508Kb / 4P
   AC/DC Switching Power Supplies
PSALC-24S WALL-PSALC-24S Datasheet
508Kb / 4P
   AC/DC Switching Power Supplies
More results

Similar Description - PSALF240-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
   AC/DC LED Switching Power Supplies
PSPSF100 WALL-PSPSF100 Datasheet
103Kb / 3P
   AC/DC LED Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
   AC/DC LED Switching Power Supplies
PSAPF150 WALL-PSAPF150 Datasheet
547Kb / 4P
   AC/DC LED Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com