Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1E681 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # EEUFC1E681
Description  Aluminum Electrolytic Capacitors/ FC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E681 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button EEUFC1E681 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1E681 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E681 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E681 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E681 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E681 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E681 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E681 Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1E681 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-71 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(
Ω) (hours) (mm) (mm) (mm)
(mm)
(pcs)
(pcs)
63
6.8
4
11
80
3.500
1000
0.45
1.5
5.0
2.5
EEUFC1J6R8( )
✽✽✽ 200
2000
12
5
11
145
2.000
1000
0.50
2.0
5.0
2.5
EEUFC1J120( )
200
2000
18
5
15
200
1.300
1000
0.50
2.0
5.0
2.5
EEUFC1J180( )
✽✽✽ 200
2000
22
6.3
11.2
240
1.000
1000
0.50
2.5
5.0
2.5
EEUFC1J220( )
200
2000
33
6.3
11.2
240
1.000
1000
0.50
2.5
5.0
2.5
EEUFC1J330( )
200
2000
39
6.3
15
330
0.700
1000
0.50
2.5
5.0
2.5
EEUFC1J390( )
✽✽✽ 200
2000
47
8
11.5
405
0.342
2000
0.60
3.5
5.0
EEUFC1J470( )
200
1000
56
8
11.5
405
0.342
2000
0.60
3.5
5.0
EEUFC1J560( )
200
1000
68
8
11.5
405
0.342
2000
0.60
3.5
5.0
EEUFC1J680( )
200
1000
82
10
12.5
535
0.256
3000
0.60
5.0
5.0
EEUFC1J820( )
200
500
100
8
15
535
0.230
2000
0.60
3.5
5.0
EEUFC1J101L( )
200
1000
10
12.5
535
0.256
3000
0.60
5.0
5.0
EEUFC1J101( )
200
500
120
10
16
600
0.194
3000
0.60
5.0
5.0
EEUFC1J121( )
200
500
150
8
20
690
0.178
2000
0.60
3.5
5.0
EEUFC1J151( )
200
1000
180
10
20
885
0.147
3000
0.60
5.0
5.0
EEUFC1J181( )
200
500
12.5
15
1020
0.150
5000
0.60
5.0
5.0
EEUFC1J181S( )
200
500
220
10
20
885
0.147
3000
0.60
5.0
5.0
EEUFC1J221X( )
200
500
10
25
1050
0.130
3000
0.60
5.0
5.0
EEUFC1J221( )
200
500
12.5
20
1285
0.085
5000
0.60
5.0
5.0
EEUFC1J221S( )
200
500
270
16
15
1410
0.090
5000
0.80
7.5
7.5
EEUFC1J271( )
100
250
330
10
30
1300
0.090 3000
0.60
5.0
EEUFC1J331L
100
12.5
20
1285
0.085
5000
0.60
5.0
5.0
EEUFC1J331( )
200
500
390
12.5
25
1720
0.070
5000
0.60
5.0
5.0
EEUFC1J391( )
200
500
18
15
1690
0.086
5000
0.80
7.5
7.5
EEUFC1J391S( )
100
250
470
12.5
30
2090
0.055
5000
0.80
5.0
EEUFC1J471L
100
16
20
1765
0.059
5000
0.80
7.5
7.5
EEUFC1J471( )
100
250
560
16
25
2160
0.050
5000
0.80
7.5
7.5
EEUFC1J561( )
100
250
680
12.5
35
2265
0.047
5000
0.80
5.0
EEUFC1J681L
100
16
25
2160
0.050
5000
0.80
7.5
7.5
EEUFC1J681( )
100
250
18
20
2290
0.055
5000
0.80
7.5
7.5
EEUFC1J681S( )
100
250
820
12.5
40
2560
0.042
5000
0.80
5.0
EEUFC1J821L
100
16
31.5
2670
0.043
5000
0.80
7.5
EEUFC1J821
100
18
25
2585
0.043
5000
0.80
7.5
7.5
EEUFC1J821S( )
100
250
1000
16
31.5
2670
0.043
5000
0.80
7.5
EEUFC1J102U
100
16
35.5
2770
0.036
5000
0.80
7.5
EEUFC1J102
100
1200
16
40
2825
0.030
5000
0.80
7.5
EEUFC1J122L
100
18
31.5
2950
0.032
5000
0.80
7.5
EEUFC1J122
50
1500
18
35.5
3095
0.030
5000
0.80
7.5
EEUFC1J152
50
1800
18
40
3205
0.025
5000
0.80
7.5
EEUFC1J182
50
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
✽✽✽ Please kindly accept last shipment : 30/Jun/2015
Endurance : 105 °C
04 to 06.3=1000 h, 08=2000 h, 010=3000 h, 012.5 to 018=5000 h
05
Jul. 2014


Similar Part No. - EEUFC1E681

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1E681 PANASONIC-EEUFC1E681 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1E681 PANASONIC-EEUFC1E681 Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E681 PANASONIC-EEUFC1E681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E681 PANASONIC-EEUFC1E681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E681 PANASONIC-EEUFC1E681 Datasheet
125Kb / 10P
   Aluminum Electrolytic Capacitors/FC
More results

Similar Description - EEUFC1E681

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com