Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSIM065B-1Y19 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSIM065B-1Y19
Description  Medical AC/DC Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSIM065B-1Y19 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSIM065B-1Y19 Datasheet HTML 1Page - Wall Industries,Inc. PSIM065B-1Y19 Datasheet HTML 2Page - Wall Industries,Inc. PSIM065B-1Y19 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Rev A
PSIM65 SERIES
40~65 Watts, Medical AC/DC Power Supplies
06/26/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
RoHS Compliant
High Power Density
2” x 3” Open Frame Footprint
90~264 VAC Input Voltage Range
87% High Efficiency
Up to 65 Watts Output Power
Single Outputs Ranging from 5VDC to 56VDC
-20°C to +70°C Operating Temperature Range
No load Power Consumption < 0.2W at 230VAC
Over Voltage, Over Load, and Short Circuit Protection
Ultra Low Leakage Current < 189µA at 264VAC
Both Medical 60601-1 3rd Ed. MOPP & ITE 60950-1 Approvals
DESCRIPTION
Size:
Weight:
3.00 x 2.00 x 1.13 inches
4.23oz (120g)
76.2 x 50.8 x 28.7 mm
The PSIM65 series of AC/DC medical power supplies provides up to 65 Watts of output power in a compact
2 x 3 inch open frame package. This series consists of single output models ranging from 5VDC to 56VDC
with a 90~264VAC input voltage range. These supplies also feature a low leakage current of less than 189μA
at 264VAC, no load power consumption less than 0.2W, and 87% typical efficiency. These supplies are also
protected against short circuit, over voltage, and over load conditions. The PSIM65 series is RoHS compliant
and has both medical 60601-1 3rd edition and ITE 60950-1 safety approvals.
MODEL SELECTION TABLE
Output Current
Output Regulation
Model Number
Input Voltage Range
Output Voltage
Min
Max.
Output Power
Ripple & Noise (1)
-20°C~0°C
0°C~40°C
PSIM040B-1Y05
5 VDC
0A
8A
40W
150mVp-p
±10%
±3%
PSIM065B-1Y12
12 VDC
0A
5.416A
65W
240mVp-p
±10%
±3%
PSIM065B-1Y15
15 VDC
0A
4.333A
65W
300mVp-p
±10%
±3%
PSIM065B-1Y19
19 VDC
0A
3.421A
65W
300mVp-p
±10%
±3%
PSIM065B-1Y20
20 VDC
0A
3.25A
65W
300mVp-p
±10%
±3%
PSIM065B-1Y24
24 VDC
0A
2.708A
65W
300mVp-p
±10%
±3%
PSIM065B-1Y28
28 VDC
0A
2.321A
65W
300mVp-p
±10%
±3%
PSIM065B-1Y48
48 VDC
0A
1.354A
65W
300mVp-p
±10%
±3%
PSIM065B-1Y56
90 - 264 VAC
56 VDC
0A
1.161A
65W
300mVp-p
±10%
±3%
NOTES
1. Ripple & noise is measured at 20MHz limited bandwidth and with a 100µF electrolytic capacitor and a 0.1µF ceramic capacitor in parallel across the output
DERATING CURVES
0
20
40
60
25
100
120
-20
0
10
20
30
40
50
60
70
80
Ambient Temperature (°C)
80


Similar Part No. - PSIM065B-1Y19

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSI KOA-PSI Datasheet
384Kb / 2P
   chip type power shunt resistor
logo
JST Mfg. Co., Ltd.
PSI JST-PSI Datasheet
104Kb / 3P
   8.0mm pitch (Pin-omitted)/Disconnectable Crimp style connectors
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
PSI-D-4V-PRIME ASC-PSI-D-4V-PRIME Datasheet
63Kb / 4P
   Industrial Temperature Grade with Voltage Reference
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
   Industrial Temperature Grade
More results

Similar Description - PSIM065B-1Y19

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
   Medical AC/DC Switching Power Supplies
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
   Medical AC/DC Switching Power Supplies
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSPRL1103M WALL-PSPRL1103M Datasheet
568Kb / 7P
   Medical AC/DC Switching Power Supplies
logo
COSEL CO., LTD.
LMA COSEL-LMA Datasheet
1Mb / 10P
   AC-DC Power Supplies Medical Type
June 29, 2020
logo
Wall Industries,Inc.
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
   Medical AC/DC Switching Power Supplies
PSMP05 WALL-PSMP05 Datasheet
217Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
logo
List of Unclassifed Man...
GHA300F ETC2-GHA300F Datasheet
531Kb / 4P
   AC-DC Power Supplies Medical type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com