Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD14093 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD14093
Description  Quadruple 2-input NAND Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14093 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD14093 Datasheet HTML 1Page - Hitachi Semiconductor HD14093 Datasheet HTML 2Page - Hitachi Semiconductor HD14093 Datasheet HTML 3Page - Hitachi Semiconductor HD14093 Datasheet HTML 4Page - Hitachi Semiconductor HD14093 Datasheet HTML 5Page - Hitachi Semiconductor HD14093 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DN
Conforms
Conforms
0.13 g
Unit: mm
0
° – 8°
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40
± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Pd plating


Similar Part No. - HD14093

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14001B HITACHI-HD14001B Datasheet
62Kb / 6P
   QUADRUPLE 2 INPUT NOR GATE
HD14001BP HITACHI-HD14001BP Datasheet
62Kb / 6P
   QUADRUPLE 2 INPUT NOR GATE
HD14002 HITACHI-HD14002 Datasheet
49Kb / 4P
   Dual 4-input NOR Gate
HD14002B HITACHI-HD14002B Datasheet
49Kb / 4P
   Dual 4-input NOR Gate
HD14006 HITACHI-HD14006 Datasheet
77Kb / 5P
   18-bit Static Shift Register
More results

Similar Description - HD14093

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4093B PHILIPS-HEF4093B Datasheet
79Kb / 6P
   Quadruple 2-input NAND Schmitt trigger
January 1995
logo
Texas Instruments
74AC11132 TI1-74AC11132 Datasheet
375Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT-TRIGGER
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
   2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
MC74VHC1G132 ONSEMI-MC74VHC1G132_18 Datasheet
205Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 22
logo
Texas Instruments
SN74HCS00 TI1-SN74HCS00 Datasheet
338Kb / 18P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI-SN74HCS00_V03 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com