Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSME-1200-24 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSME-1200-24
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSME-1200-24 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSME-1200-24 Datasheet HTML 1Page - Wall Industries,Inc. PSME-1200-24 Datasheet HTML 2Page - Wall Industries,Inc. PSME-1200-24 Datasheet HTML 3Page - Wall Industries,Inc. PSME-1200-24 Datasheet HTML 4Page - Wall Industries,Inc. PSME-1200-24 Datasheet HTML 5Page - Wall Industries,Inc. PSME-1200-24 Datasheet HTML 6Page - Wall Industries,Inc. PSME-1200-24 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Wall Industries, Inc.
Rev A
PSME1200 SERIES
1200 Watts, Medical AC/DC Switching Power Supplies
06/05/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 7
REMOTE ON/OFF
(1) Using Internal 5V Auxiliary Source
(2) ON/OFF Control by NPN Transistor
(3) Using External Voltage Source
Power OFF
OFF
sw
Power ON
ON
EN+
EN-
AUX
GND
SW
AUX
2KΩ
Power OFF
L
Ctrl
Power ON
H
Ctrl
EN+
EN-
AUX
GND
AUX
2KΩ
Tr
GND
SW
EN+
EN-
AUX
GND
AUX
2KΩ
AUX
Power OFF
OFF
sw
Power ON
ON
Default setting
POWER OK SIGNAL
AUX and P.OK Signal
Internal Circuit
Good
Failure
GND
VSET
AUX
P.OK
DC / DC
5V/0.5A
or
9V/0.3A
* Place an additional capacitor to have a better performance of auxiliary power operation.
*
470µF
16V
AUX
LOAD
* The grounding of “AUX” power should be connected to “GND” port. If “V-“ is connected as
Grounding make sure to short the “GND” and “V-“ ports.
Open (Default Setting)
5V
VSET
Short to GND
9V
REMOTE SENSE
1) Remote Sense
2) Local Sense (Default Setting)
+
-
+
+
-
+


Similar Part No. - PSME-1200-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSME-10-05 WALL-PSME-10-05 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-12 WALL-PSME-10-12 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-15 WALL-PSME-10-15 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-24 WALL-PSME-10-24 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-15-05 WALL-PSME-15-05 Datasheet
182Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
More results

Similar Description - PSME-1200-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com