Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPSD-20 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPSD-20
Description  AC/DC Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSD-20 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPSD-20 Datasheet HTML 1Page - Wall Industries,Inc. PSPSD-20 Datasheet HTML 2Page - Wall Industries,Inc. PSPSD-20 Datasheet HTML 3Page - Wall Industries,Inc. PSPSD-20 Datasheet HTML 4Page - Wall Industries,Inc. PSPSD-20 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/05/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. D
PSPSD-20 SERIES
85~264VAC Input Voltage Range
Single Outputs
20 Watts Output Power
AC/DC Switching Power Supply
FEATURES
• Single Outputs
RoHS Compliant
• Universal AC Input Range (Full Range)
• High Efficiency and High Reliability
• Over Voltage, Over Load, and Short Circuit Protected
• Wide Operating Ambient Temperature (-20°C to +60°C)
• 20W Output Power
• 100% Full Load Burn-in Tested
Output Voltages Available from 5VDC to 48VDC
• Ultra-Miniature Size, Low Profile: 3.50” x 2.01” x 0.79”
• ±10% Output Voltage Adjustability
• All Using 105°C Long Life Electrolytic Capacitors
DESCRIPTION
The PSPSD-20 series of AC/DC switching power supplies offers 20 Watts of output power in a 3.50” x 2.01” x 0.79” low
profile open frame package. All models have a single output and a universal AC input voltage range of 85~264VAC. Some
features include wide operating temperature range (-20°C to +60°C), ±10% output adjustability, and over load, over
voltage, and short circuit protection. These supplies are RoHS and UL94V0 compliant and have UL/cUL, CB, and CE
safety approvals. All models are 100% full load burn-in tested.


Similar Part No. - PSPSD-20

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSD-25 WALL-PSPSD-25 Datasheet
200Kb / 4P
   AC/DC Switching Power Supplies
PSPSD-25-S12 WALL-PSPSD-25-S12 Datasheet
200Kb / 4P
   AC/DC Switching Power Supplies
PSPSD-25-S15 WALL-PSPSD-25-S15 Datasheet
200Kb / 4P
   AC/DC Switching Power Supplies
PSPSD-25-S24 WALL-PSPSD-25-S24 Datasheet
200Kb / 4P
   AC/DC Switching Power Supplies
PSPSD-25-S3.3 WALL-PSPSD-25-S3.3 Datasheet
200Kb / 4P
   AC/DC Switching Power Supplies
More results

Similar Description - PSPSD-20

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com