Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSME-1200-36 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSME-1200-36
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSME-1200-36 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSME-1200-36 Datasheet HTML 1Page - Wall Industries,Inc. PSME-1200-36 Datasheet HTML 2Page - Wall Industries,Inc. PSME-1200-36 Datasheet HTML 3Page - Wall Industries,Inc. PSME-1200-36 Datasheet HTML 4Page - Wall Industries,Inc. PSME-1200-36 Datasheet HTML 5Page - Wall Industries,Inc. PSME-1200-36 Datasheet HTML 6Page - Wall Industries,Inc. PSME-1200-36 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc.
Rev A
PSME1200 SERIES
1200 Watts, Medical AC/DC Switching Power Supplies
06/05/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
FEATURES
RoHS Compliant
1200 Watts Output Power
High Efficiency up to 93%
4000VAC I/O Isolation (2 x MOPP)
Constant Current Limiting
Global Control via RS232
Power OK Signal (Power Good, Logic Low)
Remote ON/OFF, Remote Sense Functions
Protection: OLP, OVP, OTP, Fan Failure
Remote Setting Multiple PSU via RS232, RS485 & I2C
Programmable Output Voltage (0~105%)
Programmable Output Current (0~105%)
Universal Input Voltage Range: 90~264VAC (127~370VDC)
Single Outputs Ranging from 12VDC to 60VDC
Selectable +5V/0.5A or +9V/0.3A Auxiliary Output
Forced Current Sharing at Parallel Operation
ANSI/AAMI ES60601-1, TUV EN60601-1: 2006, IEC60601-1
Medical Approvals
DESCRIPTION
Size:
Weight
10.256 x 5.000 x 2.500 inches
5.73 lbs (2.6kg)
(260.50 x 127.00 x 63.50 mm)
The PSME1200 series of medical AC/DC switching power supplies provides 1200 Watts of output power in
a 10.256” x 5.000” x 2.500” enclosed case. This series consists of single output models ranging from 12VDC
to 60VDC with a universal input voltage range of 90~264VAC (127~370VDC). Standard features include
high efficiency up to 93%, programmable output voltage and output current, remote on/off, and power OK
signal. This series also has over temperature, over voltage, and over load protection. These supplies also
feature a low leakage current of less than 300μA (earth) and less than 100µA (patient) at 264VAC and are
designed to withstand 4000VAC input to output isolation (2 x MOPP). All models are RoHS compliant and
have ANSI/AAMI ES60601-1, TUV EN60601-1: 2006, and IEC60601-1 medical approvals.
MODEL SELECTION TABLE
Model Number
Input Voltage (2)
Output Voltage
Output Current
Line Regulation
Load Regulation
Output Power
Ripple & Noise (1)
Efficiency
PSME-1200-12
12 VDC
100A
±1.0%
±1.0
1200W
120mVp-p
89%
PSME-1200-15
15 VDC
80A
±1.0%
±1.0
1200W
150mVp-p
90%
PSME-1200-24
24 VDC
50A
±1.0%
±1.0
1200W
150mVp-p
91%
PSME-1200-30
30 VDC
40A
±1.0%
±1.0
1200W
150mVp-p
92%
PSME-1200-36
36 VDC
33.4A
±1.0%
±1.0
1202.4W
150mVp-p
92%
PSME-1200-48
48 VDC
25A
±1.0%
±1.0
1200W
150mVp-p
93%
PSME-1200-60
90~264 VAC
(127~370 VDC)
60 VDC
20A
±1.0%
±1.0
1200W
150mVp-p
93%
NOTES
1. Ripple & noise is measured at 20MHz limited bandwidth and using a 12" twisted pair-wire terminated with a 0.1µF & 47µF capacitors in parallel.
2. For voltages near the low end of the input voltage range, see the derating curve for the power supply output rating.
3. When in parallel operation only one unit might operate if the total output load is less than 5% of the rated load condition.
4. The power supply is considered a component which will be installed into final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
DERATING CURVES
Load vs Ambient Temperature
Load vs Input Voltage
-20
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
20
40
60
80
100
120
90
Ta=25°C
100
110
120
264
40
50
60
70
80
Input Voltage (VAC)
90
100
120


Similar Part No. - PSME-1200-36

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSME-10-05 WALL-PSME-10-05 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-12 WALL-PSME-10-12 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-15 WALL-PSME-10-15 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-24 WALL-PSME-10-24 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-15-05 WALL-PSME-15-05 Datasheet
182Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
More results

Similar Description - PSME-1200-36

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com