Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSLSU60-111-43V Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSLSU60-111-43V
Description  AC/DC LED Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLSU60-111-43V Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSLSU60-111-43V Datasheet HTML 1Page - Wall Industries,Inc. PSLSU60-111-43V Datasheet HTML 2Page - Wall Industries,Inc. PSLSU60-111-43V Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Rev C
PSLSU60 SERIES
60 Watts, AC/DC LED Power Supplies
07/08/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
CHARACTERISTIC CURVES
Derating Curve
C.V. vs C.C. Curve
Ambient Temperature (°C)
-20
0
20
30
40
50
60
70
80
120
100
80
60
40
20
0
0.6xVo
Vo
Iomin
C.C.
Range
Iomax
Current will regulate to 3% or
5% Iomax depending on model
(See Model Selection Table)
Output Current (A)
MECHANICAL DRAWING
6.61 [168.0]
6.12 [155.4]
R2.0
1.22 [31.0]
NOTES:
1. Unit: inches [mm]
2. Tolerance: ±0.04 [±0.1]
3. Weight: 1.17~1.32 lbs (530~600g)
4. Input Connector: SJTW, 18AWGx3C (1ft)
5. Output Connector: SJTW, 18AWGx2C (1ft)
6. All dimensions are for reference only
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will provide a
solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example of our
commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to
ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and
beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
E-mail:
sales@wallindustries.com
Toll Free:
(888)597-9255
Web:
www.wallindustries.com
Fax:
(603)778-9797
Address: 37 Industrial Drive
Exeter, NH 03833


Similar Part No. - PSLSU60-111-43V

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLSU120 WALL-PSLSU120 Datasheet
180Kb / 4P
   AC/DC LED Power Supplies
PSLSU85 WALL-PSLSU85 Datasheet
174Kb / 4P
   AC/DC LED Power Supplies
More results

Similar Description - PSLSU60-111-43V

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLSU120 WALL-PSLSU120 Datasheet
180Kb / 4P
   AC/DC LED Power Supplies
PSLSU85 WALL-PSLSU85 Datasheet
174Kb / 4P
   AC/DC LED Power Supplies
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
   AC/DC LED Switching Power Supplies
PSPSF100 WALL-PSPSF100 Datasheet
103Kb / 3P
   AC/DC LED Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
   AC/DC LED Switching Power Supplies
PSAPF150 WALL-PSAPF150 Datasheet
547Kb / 4P
   AC/DC LED Switching Power Supplies
PSALF240 WALL-PSALF240 Datasheet
224Kb / 4P
   AC/DC LED Switching Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
   AC/DC Open Frame LED Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
   AC/DC Open Frame LED Power Supplies
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com