Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSSBU31-103 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSSBU31-103
Description  AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU31-103 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSSBU31-103 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU31-103 Datasheet HTML 2Page - Wall Industries,Inc. PSSBU31-103 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/10/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 3
PSSBU31 Series
Open Frame
30 Watt, Single Output
AC/DC Switching Power Supply
Rev B
FEATURES
● Single Output
● RoHS Compliant
● Class I Insulation
● Output Voltages Available from 5VDC to 48VDC
● Wide Input Voltage Range: 90~264VAC, 47~63Hz
● Input Surge Current, Over Voltage, and Over Load Protection
DESCRIPTION
The PSSBU31 series of AC/DC switching mode power supplies provides 30 Watts of continuous output power in a compact, open frame
constructed design. This series has single output supplies with a universal input range of 90~264VAC. These units are ideally suited for
use in portable equipment as well as many other applications. All models meet CISPR-22 class B emission limits and comply with new CE
requirements. All models are input surge current, output voltage, and over load protected. All units are also 100% burn-in tested.
SPECIFICATIONS: PSSBU31 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
0.8
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.5
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
12
15
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
26
35
A
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.4
0.75
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
2
s
OUTPUT (Vo)
Output Voltage Range
See Table
Load Regulation
Vin = 230VAC
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power
Vin = 90 to 264VAC
0
30
W
Output Current Range
See Table
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
12
ms
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
78
84
88
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
4242
VDC
Dielectric Withstanding Voltage
For Primary to Ground
Primary to Ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
M
No Load Power Consumption
No Load, Vin = 240VAC
0.3
W
ENVIRONMENTAL
Operating Temperature
Derate linearly from 100% Load at 40°C to 50% load at 70°C
0
40
+70
°C
Storage Temperature
-40
+85
°C
Relative Humidity
5
95
%
Temperature Coefficient
All Outputs
-0.04
+0.04
%/°C
MTBF
Operating temperature at 25°C, calculated per MIL-H DBK-217F
100,000 hours
PHYSICAL
Weight
Approximately 3oz (85g)
Dimensions (L x W x H)
4.02 x 1.50 x 0.83 inches
102.0 x 38.1 x 21.0 mm
SAFETY
EMI Requirements for CISPR-22
Vin = 220VAC
B
Class
EMI Requirements for FCC PART-15
Vin = 110VAC
B
Class


Similar Part No. - PSSBU31-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-101 WALL-PSSBU100-101 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-102 WALL-PSSBU100-102 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-103 WALL-PSSBU100-103 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-104 WALL-PSSBU100-104 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
More results

Similar Description - PSSBU31-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com